Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SHD114211 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD114211
Description  POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

   
 1 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1047, REV. -
POWER SCHOTTKY RECTIFIER
Very Low Voltage Drop
(S-100 for JANTXV equivalent screening; SS for JANS equivalent screening available)
DESCRIPTION: A 30 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-3/3A/3B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
30
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
280
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1100
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
0.85
•C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 150
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 15 Amps)
TJ = 25
•C
TJ = 125
•C
Vf
0.49
0.39
Volts
MAXIMUM REVERSE CURRENT (Ir @ 30V PIV)
TJ = 25
•C
TJ = 125
•C
Ir
2.0
100
mA
SHD114211
SHD114211A
SHD114211B




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SHD116012HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop 1 2 3 Sensitron
SHD116168HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD119512HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD115413POWER SCHOTTKY RECTIFIER Very Low Voltage Drop 1 2 3 Sensitron
SHD116034ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop 1 2 3 Sensitron
SHD117011HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD118412HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD115422HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD116036ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop 1 2 3 Sensitron
SHD117012HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl