Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFH2162-P3 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFH2162-P3
Description  1.8 to 2.0 GHz 36 dBm Power GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFH2162-P3 Datasheet(HTML) 2 Page - Mimix Broadband

  CFH2162-P3 Datasheet HTML 1Page - Mimix Broadband CFH2162-P3 Datasheet HTML 2Page - Mimix Broadband CFH2162-P3 Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFH2162-P3
Features
t High Gain
t +36 dBm Power Output
t Proprietary Power FET Process
t >45% Linear Power Added Efficiency
t +33 dBm with 30 dBc Third Order Products
Applications
t PCS/PCN Base Stations
t Wireless Local Loop
Description
The CFH2162-P3 is a high-gain, linear FET intended
for driver amplifier applications in high-power systems, and
output stage usage in medium power applications at power
levels up to +36 dBm. The device is easily matched and pro-
vides excellent linearity at 4 Watts. Manufactured in
Celeritek’s proprietary power FET process, this device is
assembled in a power flange package.
1.8 to 2.0 GHz
+36 dBm Power GaAs FET
Advanced Product Information
May 1996
(1 of 2)
Package Diagram
Power Flange Package Physical Dimensions
S
S
G
D
Notes:
1. Sum to two tones with 1 MHz spacing = 33 dBm.
2. See thermal considerations information.
3. Maximum potential difference across the device (Vd + Vg) cannot
exceed 18V.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Drain-Source Voltage
VDS
15V (3)
Gate-Source Voltage
VGS
-5V
Drain Current
IDS
Idss
Continuous Dissipation
PT
10W
Channel Temperature
TCH
175°C
Storage Temperature
TSTG
-65°C to +175°C
Parameters
Conditions
Min
Typ
Max
Units
Vd = 10V, Id = 1100 mA (Quiescent)
P-1dB
36.0 37.0
dBm
G-1 dB
13.0 14.0
dB
3rd Order
Products (1)
30
35
dBc
Efficiency
@ P1dB
45
%
Vd = 8V, Id = 1300 mA (Quiescent)
P-1dB
36.0
dBm
G-1 dB
13.0
dB
Specifications (TA = 25°C) The following specifications are
guaranteed at room temperature in Celeritek test fixture at 1.95 GHz.
Parameters
Conditions
Min
Typ
Max
Units
gm
Vds = 2.0V, Vgs = 0V
1700
mS
Idss
Vds = 2.0V, Vgs = 0V
2.8
A
Vp
Vds = 3.0V, Ids = 65 mA
-1.8
Volts
BVGD
Igd = 6.5 mA
20
24
Volts
Θ
JL (2)
@150°C TCH
8
°C/W


Similar Part No. - CFH2162-P3

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
More results

Similar Description - CFH2162-P3

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
   1.8 to 2.0 GHz 30 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
   36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
   800 to 900 MHz 36 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com