Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F378PFF-GE1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F378PFF-GE1
Description  16-BIT PROPRIETARY MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F378PFF-GE1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F378PFF-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
MB90378 Series
8
(Continued)
Pin no.
Pin name
I/O
circuit
Pin status
during
reset
Function
LQFP-144
100
P67
I
Port input
General-purpose I/O port.
UO1
Serial data output pin for UART ch 1. This function is
enabled when UART ch 1 enables data output.
101
P70
I
General-purpose I/O port.
UI1
Serial data input pin for UART ch 1. While UART ch 1 is
operating for input, the input of this pin is used as required and
must not be used for any other input.
102
P71
I
General-purpose I/O port.
UCK2
Serial clock I/O pin for UART ch 2. This function is enabled
when UART ch 2 enables clock output.
103
P72
I
General-purpose I/O port.
UO2
Serial data output pin for UART ch 2. This function is
enabled when UART ch 2 enables data output.
104
P73
I
General-purpose I/O port.
UI2
Serial data input pin for UART ch 2. While UART ch 2 is
operating for input, the input of this pin is used as required and
must not be used for any other input.
105
P74
I
General-purpose I/O port.
UCK3
Serial clock I/O pin for UART ch 3. This function is enabled
when UART ch 3 enables clock output.
106
P75
I
General-purpose I/O port.
UO3
Serial data output pin for UART ch 3. This function is
enabled when UART ch 3 enables data output.
107
P76
I
General-purpose I/O port.
UI3
Serial data input pin for UART ch 3. While UART ch 3 is
operating for input, the input of this pin is used as required and
must not be used for any other input.
108
P77
I
General-purpose I/O port.
PPG1
Output pin for PPG ch 1. This function is enabled when
PPG ch 1 output is enabled.
71
P80
T
General-purpose Nch open-drain I/O port.
SCL1
Serial clock I/O pin for multi-address I2C.
72
P81
T
General-purpose Nch open-drain I/O port.
SDA1
Serial data I/O pin for multi-address I2C.


Similar Part No. - MB90F378PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F378PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com