Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F378 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F378
Description  16-BIT PROPRIETARY MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F378 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F378 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 12Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 13Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
MB90378 Series
10
(Continued)
Pin no.
Pin name
I/O
circuit
Pin status
during
reset
Function
LQFP-144
62, 63
PD4, PD5
N
Port input
General-purpose I/O ports.
DA1, DA2
D/A converter analog output 1, 2. This function is selected when
D/A converted is enabled.
64, 92
PD6, PD7
H
General-purpose I/O ports.
PPG2,
PPG3
Output pin for PPG ch 2, 3. This function is selected when PPG
ch 2, 3 output is enabled.
74
PE0
O
General-purpose I/O port.
SEG0
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TIN1
External clock input pin for reload timer 1.
75
PE1
O
General-purpose I/O port.
SEG1
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TO1
Event output pin for reload timer 1.
76
PE2
O
General-purpose I/O port.
SEG2
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TIN2
External clock input pin for reload timer 2.
77
PE3
O
General-purpose I/O port.
SEG3
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TO2
Event output pin for reload timer 2.
78
PE4
O
General-purpose I/O port.
SEG4
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TIN3
External clock input pin for reload timer 3.
79
PE5
O
General-purpose I/O port.
SEG5
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TO3
Event output pin for reload timer 3.
80
PE6
O
General-purpose I/O port.
SEG6
Segment output pin for LCD controller/driver. This function is
selected when LCD segment output is enabled.
TIN4
External clock input pin for reload timer 4.


Similar Part No. - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F378 FUJITSU-MB90F378 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com