Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F378 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90F378
Description  16-BIT PROPRIETARY MICROCONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F378 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90F378 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F378 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
MB90378 Series
6
PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
Pin status
during
reset
Function
LQFP-144
128,129
X0,X1
A
Oscillating
Main oscillation I/O pins.
20,21
X0A,X1AA
Oscillating
Sub-clock oscillation I/O pins.
17
RST
B
Reset input External reset input pin.
58, 57, 56
MD0 to
MD2
C
Mode input
Input pin for operation mode specification. Connect this pin
directly to Vcc or Vss.
109 to 116
P00 to P07
D
Port input
General-purpose I/O ports.
KSI0 to
KSI7
Can be used as key-on wake-up interrupt input ch 0 to 7. Input
is enabled when 1 is set in EICR : EN0 to 7 in standby mode.
117 to 124 P10 to P17
E
General-purpose I/O ports.
125,
130 to 136
P20 to P27
E
General-purpose I/O ports.
137, 138
P30, P31
E
General-purpose I/O ports.
PG00,
PG01
8/16-bit PPG timer output pins.
8-bit x 2 channels mode use : Event output from PG00/PG01
16-bit x 1channel mode use : Event output from PG00
139, 140
P32, P33
E
General-purpose I/O ports.
PG10,
PG11
8/16-bit PPG timer output pins.
8-bit x 2 channels mode use : Event output from PG10/PG11.
16-bit x 1channel mode use : Event output from PG10.
141 to 143 P34 to P36
E
General-purpose I/O ports.
144
P37
E
General-purpose I/O port.
ADTG
External trigger input pin (ADTG) for the A/D converter.
1
P40
F
General-purpose Nch open-drain I/O port.
PSCK0
Serial clock I/O pin for PS/2 interface ch 0. This function is
selected when PS/2 interface ch 0 is enabled.
2
P41
F
General-purpose Nch open-drain I/O port.
PSDA0
Serial data I/O pin for PS/2 interface ch 0. This function is
selected when PS/2 interface ch 0 is enabled.
3
P42
F
General-purpose Nch open-drain I/O port.
PSCK1
Serial clock I/O pin for PS/2 interface ch 1. This function is
selected when PS/2 interface ch 1 is enabled.
4
P43
F
General-purpose Nch open-drain I/O port.
PSDA1
Serial data I/O pin for PS/2 interface ch 1. This function is
selected when PS/2 interface ch 1 is enabled.


Similar Part No. - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F378 FUJITSU-MB90F378 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com