Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFB0301-000T Datasheet(PDF) 3 Page - Mimix Broadband

Part # CFB0301-000T
Description  High Dynamic Range Low-Noise GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0301-000T Datasheet(HTML) 3 Page - Mimix Broadband

  CFB0301-000T Datasheet HTML 1Page - Mimix Broadband CFB0301-000T Datasheet HTML 2Page - Mimix Broadband CFB0301-000T Datasheet HTML 3Page - Mimix Broadband CFB0301-000T Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Typical Noise Parameters (Vds = 4 V, Ids = 30 mA)
Frequency
Fmin
1
Gamma Opt
(GHz)
(dB)
Mag
Ang
Rn/50
0.8
0.4
0.6
27
0.19
1.0
0.4
0.6
29
0.17
1.2
0.4
0.6
32
0.18
1.4
0.4
0.6
35
0.18
1.6
0.4
0.5
38
0.17
1.8
0.4
0.5
41
0.16
2.0
0.5
0.5
45
0.15
2.2
0.5
0.5
49
0.15
2.4
0.5
0.5
54
0.14
2.6
0.5
0.5
60
0.13
Absolute Maximum Ratings
Parameter
Symbol
Rating
Drain-Source Voltage
Vds
+8V
Gate-Source Voltage
Vgs
-5V
Drain Current
Ids
Idss
Continuous Dissipation1
Pt
750 mW
Channel Temperature
Tch
175°C
Storage Temperature
Tstg
-65°C to +150°C
CFB0301
Product Specifications - June 2002
(2 of 3)
Typical Scattering Parameters (TA = 25°C, VDS = 2 V, IDS = 25 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag (dB)
Ang
MAG (dB)
ANG
MAG
ANG
0.5
0.98
-20
7.17
161
0.02
78
0.42
-11
1.0
0.94
-40
6.90
148
0.03
70
0.41
-24
2.0
0.85
-76
6.00
119
0.05
52
0.36
-46
3.0
0.76
-108
5.00
95
0.07
38
0.32
-65
4.0
0.70
-130
4.30
75
0.08
30
0.30
-75
5.0
0.64
-150
3.83
55
0.09
20
0.27
-85
Optimum Noise Figure and Associated Gain
vs Frequency Vds = 2V, Ids = 25 mA
Frequency (GHz)
2
4
6
8
10
12
Noise Figure
Associated Gain
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0
Optimum Noise Figure vs I ds & Vds
Frequency = 2 GHz
Ids (mA)
10
20
30
40
50
60
70
4V
2V
0.0
0.5
1.0
1.5
2.0
2.5
Ids (mA)
Associated Gain vs I ds
Vds = 2V, Frequency = 2 GHz
10
20
30
40
50
60
70
15
20
25
10
5
0
Typical Performance
Note: 1. Fmin values reflect the circuit losses in the test fixture when
matched to optimum noise figure.


Similar Part No. - CFB0301-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFB0301 MIMIX-CFB0301 Datasheet
170Kb / 3P
   High Dynamic Range Low Noise GaAs FET
CFB0301 MIMIX-CFB0301_06 Datasheet
170Kb / 3P
   High Dynamic Range Low Noise GaAs FET
More results

Similar Description - CFB0301-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFB0303 MIMIX-CFB0303 Datasheet
90Kb / 2P
   High Dynamic Range Low Noise GaAs FET
CFB0301 MIMIX-CFB0301_06 Datasheet
170Kb / 3P
   High Dynamic Range Low Noise GaAs FET
logo
List of Unclassifed Man...
CFB0303 ETC-CFB0303 Datasheet
372Kb / 2P
   High Dynamic Range Low-Noise GaAs FET
CFK0301 ETC-CFK0301 Datasheet
841Kb / 5P
   High Dynamic Range Dual, Low-Noise GaAs FET
logo
Mimix Broadband
CFK0301 MIMIX-CFK0301 Datasheet
303Kb / 4P
   High Dynamic Range Dual, Low Noise GaAs FET
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com