Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ115F31A Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ115F31A
Description  Cit Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ115F31A Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ115F31A Datasheet HTML 1Page - CIT Relay & Switch WJ115F31A Datasheet HTML 2Page - CIT Relay & Switch WJ115F31A Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
UL F class rated standard
Small size and light weight, low coil power consumption
Heavy contact load, strong shock and vibration resistance
UL/CUL certified
E197852
32.4(50) x 26.8 x 28.1 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Rating
N.O. 40A @ 240VAC resistive; 30A @ 277VAC General Purpose
2 hp @ 250VAC
N.C. 30A @ 240VAC resistive, 30VDC; 20A @ 277VAC General Purpose
1-1/2 hp @ 250VAC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2, AgSnO2In2O3
Maximum Switching Power
9600VA, 1120W
Maximum Switching Voltage
277VAC, 110VDC
Maximum Switching Current
40A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
0.6W
0.9W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
15
10
2.25
0.3
5
6.5
42
28
3.75
0.5
6
7.8
60
40
4.50
0.6
9
11.7
135
90
6.75
0.9
12
15.6
240
160
9.00
1.2
15
19.5
375
250
10.25
1.5
18
23.4
540
360
13.50
1.8
24
31.2
960
640
18.00
2.4
48
62.4
3840
2560
36.00
4.8
110
140.3
20167
13445
82.50
11.0
.60
.90
15
10
AC COIL PARAMETERS
Coil Voltage
VAC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
30%
of rated voltage
Coil Power
VA
Operate Time
ms
Release Time
ms
12
15.6
27
9.0
3.6
24
31.2
120
18.0
7.2
110
143
2360
82.5
33
120
156
3040
90
36
220
286
13490
165
66
240
312
15320
180
72
277
360
20210
207
83.1
2VA
15
10
WJ115F3


Similar Part No. - WJ115F31A

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ115F31AS12VDC CIT-WJ115F31AS12VDC Datasheet
159Kb / 2P
   CIT SWITCH
WJ115F31AS18VDC CIT-WJ115F31AS18VDC Datasheet
159Kb / 2P
   CIT SWITCH
WJ115F31AS24VDC CIT-WJ115F31AS24VDC Datasheet
159Kb / 2P
   CIT SWITCH
WJ115F31AS48VDC CIT-WJ115F31AS48VDC Datasheet
159Kb / 2P
   CIT SWITCH
WJ115F31AS5VDC CIT-WJ115F31AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ115F31A

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com