Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFC453232T-680K Datasheet(PDF) 2 Page - TDK Electronics

Part # NLFC453232T-680K
Description  For Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFC453232T-680K Datasheet(HTML) 2 Page - TDK Electronics

  NLFC453232T-680K Datasheet HTML 1Page - TDK Electronics NLFC453232T-680K Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
531_NLFC4532
010405
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_NLFC4532
(2/2)
Inductors
NLFC Series NLFC4532 Type
For Power Line
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment
L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF:HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test
frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
Ω)±30%
Rated current (mA)max.
Part No.
Based on inductance
change
Based on
temperature rise
1
±20%
10
7.96
200
0.05
800
1400
NLFC453232T-1R0M
1.5
±20%
10
7.96
130
0.06
700
1200
NLFC453232T-1R5M
2.2
±20%
10
7.96
80
0.07
600
1100
NLFC453232T-2R2M
3.3
±20%
10
7.96
45
0.09
460
1050
NLFC453232T-3R3M
4.7
±20%
10
7.96
35
0.1
400
1000
NLFC453232T-4R7M
6.8
±20%
10
7.96
28
0.14
300
840
NLFC453232T-6R8M
10
±10%
10
2.52
22
0.21
250
690
NLFC453232T-100K
15
±10%
10
2.52
20
0.3
200
570
NLFC453232T-150K
22
±10%
10
2.52
18
0.46
170
460
NLFC453232T-220K
33
±10%
10
2.52
14
0.63
140
400
NLFC453232T-330K
47
±10%
10
2.52
11.5
0.85
120
340
NLFC453232T-470K
68
±10%
10
2.52
10
1.2
100
280
NLFC453232T-680K
100
±10%
10
0.796
8
1.7
90
240
NLFC453232T-101K
150
±10%
10
0.796
7
2.3
65
200
NLFC453232T-151K
220
±10%
10
0.796
5.5
3.8
55
160
NLFC453232T-221K
330
±10%
10
0.796
4
6
45
120
NLFC453232T-331K
120
C0.5
R0.2
4.5
±0.3
3.2
±0.2
Terminal
electrode
(0.4)
2.6
±0.1
Weight: 180mg
Dimensions in mm
Inductor
Solder land pattern
3
1.5
1.5
1
3
DC current(mA)
10
100
300
30
3000
1000
10000
0.3
0.1
10
100
30
1000
300
330
µH
100
µH
47
µH
10
µH
4.7
µH
1
µH
A
L=5H C=20000
µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
1
3
Frequency(MHz)
0.1
1
3
0.3
30
10
100
0.1
0.03
0.01
10
0.3
100
30
330
µH
100
µH
47
µH
10
µH
4.7
µH
1
µH


Similar Part No. - NLFC453232T-680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFC453232T-680K-PF TDK-NLFC453232T-680K-PF Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLFC453232T-680K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25 TDK-NLCV25 Datasheet
52Kb / 2P
   For Power Line SMD
NLC4532 TDK-NLC4532 Datasheet
47Kb / 3P
   For Power Line SMD
SLF10145T-100M2R5-H TDK-SLF10145T-100M2R5-H Datasheet
55Kb / 2P
   For Power Line SMD
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com