Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1167ASPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR1167ASPBF
Description  SmartRectifier CONTROL IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1167ASPBF Datasheet(HTML) 3 Page - International Rectifier

  IR1167ASPBF Datasheet HTML 1Page - International Rectifier IR1167ASPBF Datasheet HTML 2Page - International Rectifier IR1167ASPBF Datasheet HTML 3Page - International Rectifier IR1167ASPBF Datasheet HTML 4Page - International Rectifier IR1167ASPBF Datasheet HTML 5Page - International Rectifier IR1167ASPBF Datasheet HTML 6Page - International Rectifier IR1167ASPBF Datasheet HTML 7Page - International Rectifier IR1167ASPBF Datasheet HTML 8Page - International Rectifier IR1167ASPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
3
IR1167AS/BS
PRELIMINARY
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from – 25° C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =15V is assumed for test condition.
Supply Section
Parameters
Symbol
Min.
Typ.
Max.
Units
VCC Turn On Threshold
VCC ON
9.8
10.5
11.3
V
VCC Turn Off Threshold
(Under Voltage Lock Out)
VCC Turn On/Off Hysteresis
VCC HYST
1.41.551.7
V
8.5
10
50
65
10.3
12
66
80
Quiescent Current
IQCC
1.8
2.2
mA
Start-up Current
ICC START
100
200
µA
Sleep Current
ISLEEP
150
200
µA
Enable Voltage High
VENHI
2.75
V
Enable Voltage Low
VENLO
1.6
V
Enable Pull-up Resistance
REN
1.5
M
Comparator Section
Parameters
Symbol
Min.
Typ.
Max.
Units
-7
-3.5
0
Turn-off Threshold
VTH1
-15
-10.5
-7
mV
-23
-19
-15
Turn-on Threshold
VTH2
-150
-50
mV
Hysteresis
VHYST
55
mV
Input Bias Current
IIBIAS1
17.5
µA
Input Bias Current
IIBIAS2
30
100
µA
Comparator Input Offset
VOFFSET
2
mV
Input CM Voltage Range
VCM
-0.15
2
V
One-Shot Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Blanking pulse duration
tBLANK
10
15
20
µs
2.5
V
5.4
V
Hysteresis
VHYST3
40
mV
Minimum On Time Section
Parameters
Symbol
Min.
Typ.
Max.
Units
190
240
290
ns
2.4
3
3.6
µs
CLOAD=10nF, fSW = 400kHz
mA
Minimum on time
TONmin
Remarks
RMOT =75kΩ, VCC=12V
RMOT =5kΩ, VCC=12V
VCC=10V - GBD
Remarks
Remarks
VCC=VCC ON - 0.1V
Remarks
Reset Threshold
VTH3
Operating Current
VCC=20V - GBD
VCC=10V - GBD
VD = 200V
VEN=0V, VCC =15V
VCC UVLO
ICC
8.4
9.7
9V
OVT floating, VS=0V
OVT = VCC, VS=0V
GBD
OVT = 0V, VS=0V
IR1167A
CLOAD=1nF, fsw = 400kHz
CLOAD=10nF, fSW = 400kHz
IR1167B
CLOAD=1nF, fsw = 400kHz
GBD
VD = -50mV


Similar Part No. - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
350Kb / 16P
   SmartRectifierTM CONTROL IC
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
   SmartRectifierTM CONTROL IC
More results

Similar Description - IR1167ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
   SMARTRECTIFIER CONTROL IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
   ADVANCED SMARTRECTIFIER CONTROL IC
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
   SmartRectifier CONTROL IC Secondary side high speed SR controller
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
   DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
logo
Infineon Technologies A...
IR1161LPBF INFINEON-IR1161LPBF_16 Datasheet
416Kb / 26P
   SmartRectifier
2016-07-01
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF_09 Datasheet
350Kb / 16P
   SmartRectifierTM CONTROL IC
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com