Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPL-3015SYD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KPL-3015SYD
Description  3.0x1.5mm SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPL-3015SYD Datasheet(HTML) 2 Page - Kingbright Corporation

  KPL-3015SYD Datasheet HTML 1Page - Kingbright Corporation KPL-3015SYD Datasheet HTML 2Page - Kingbright Corporation KPL-3015SYD Datasheet HTML 3Page - Kingbright Corporation KPL-3015SYD Datasheet HTML 4Page - Kingbright Corporation KPL-3015SYD Datasheet HTML 5Page - Kingbright Corporation KPL-3015SYD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1-KPL3015-2
Parameter
Bright
Red
High
Efficiency
Red
Yellow
Super
Bright
Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
105
100
105
125
mW
DC Forward Current
25
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
700
625
590
660
565
595
nm
IF=20mA
Spectral Line
Halfwidth
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
45
45
35
20
30
20
nm
IF=20mA
Capacitance
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
40
12
10
95
45
33
pF
VF=0V;f=1MHz
Forward Voltage
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
2.0
2.0
2.1
1.85
2.2
2.0
2.5
2.5
2.5
2.5
2.5
2.4
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Electrical / Optical Characteristics at T A=25
°C
Absolute Maximum Ratings at T A=25
°C
IR
vF
C
∆λ1/2
λpeak
°C
°C
Note:
1.1/10DutyCycle,0.1msPulseWidth.


Similar Part No. - KPL-3015SYD

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015SYCK TO-GRACE-KPL-3015SYCK Datasheet
819Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
More results

Similar Description - KPL-3015SYD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015EC KINGBRIGHT-APL3015EC Datasheet
109Kb / 5P
   3.0x1.5mm SMD CHIP LED LAMPS
APL3015SURC KINGBRIGHT-APL3015SURC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015PBC KINGBRIGHT-APL3015PBC Datasheet
74Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYCK KINGBRIGHT-APL3015SYCK Datasheet
69Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
APL3015SYC KINGBRIGHT-APL3015SYC_03 Datasheet
103Kb / 4P
   3.0x1.5mm SMD CHIP LED LAMP
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
logo
A-BRIGHT Inc
AL-HGE33A A-BRIGHT-AL-HGE33A Datasheet
341Kb / 5P
   Green SMD Chip LED Lamps
2006/12/5
logo
List of Unclassifed Man...
KP-3216 ETC-KP-3216 Datasheet
586Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com