Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV3216-15K Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216-15K
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216-15K Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV3216-15K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216-15K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IS61LV3216
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
04/17/01
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
FEATURES
• High-speed access time: 10, 12, 15, and 20 ns
• CMOS low power operation
— 150 mW (typical) operating
— 150 µW (typical) standby
• TTL compatible interface levels
• Single 3.3V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Industrial temperature available
• Available in 44-pin 400-mil SOJ package and
44-pin TSOP (Type 2)
32K x 16 LOW VOLTAGE CMOS STATIC RAM
DESCRIPTION
The
ISSI IS61LV3216 is a high-speed, 512K static RAM
organized as 32,768 words by 16 bits. It is fabricated using
ISSI's high-performance CMOS technology. This highly reli-
able process coupled with innovative circuit design tech-
niques, yields fast access times with low power consumption.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down
with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.A
data byte allows Upper Byte (
UB) and Lower Byte (LB) access.
The IS61LV3216 is packaged in the JEDEC standard 44-pin
400-mil SOJ and 44-pin TSOP (Type 2).
FUNCTIONAL BLOCK DIAGRAM
NOVEMBER 1997
A0-A14
CE
OE
WE
32K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS61LV3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10K ISSI-IS61LV3216L-10K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10T ISSI-IS61LV3216L-10T Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12K ISSI-IS61LV3216L-12K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12KI ISSI-IS61LV3216L-12KI Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com