Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1058D Datasheet(PDF) 10 Page - International Rectifier

Part # IRPT1058D
Description  Integrated Power Stage for 0.75 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1058D Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPT1058D Datasheet HTML 4Page - International Rectifier IRPT1058D Datasheet HTML 5Page - International Rectifier IRPT1058D Datasheet HTML 6Page - International Rectifier IRPT1058D Datasheet HTML 7Page - International Rectifier IRPT1058D Datasheet HTML 8Page - International Rectifier IRPT1058D Datasheet HTML 9Page - International Rectifier IRPT1058D Datasheet HTML 10Page - International Rectifier IRPT1058D Datasheet HTML 11Page - International Rectifier IRPT1058D Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRPT1058
page 10
Part Number Identification and Ordering Instructions
IRPT1058A Power Module
Chip and wire epoxy encapsulated module with 800V
rectifiers, 600V short-circuit rated, ultra-fast IGBT inverter with
ultra-fast freewheeling diodes, temperature sensing NTC
thermistor and current-sensing low-inductance shunts.
IRPT1058C
Integrated Power Module (IRPT1058A) and Driver-Plus
Board (IRPT1058D) pre-assembled and tested to meet all system
specifications.
IRPT1058D Driver-
Plus Board
Printed Circuit board assembled with DC link capacitors, NTC
in-rush limiting thermistor, high-power terminal blocks, surge
suppression MOVs, IGBT gate drivers, protection circuitry and
low power supply. The PCB is functionally tested with standard
power module to meet all system specifications.


Similar Part No. - IRPT1058D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1058D IRF-IRPT1058D Datasheet
213Kb / 12P
   Power Module for 0.75 hp Motor Drives
More results

Similar Description - IRPT1058D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT1058A IRF-IRPT1058A Datasheet
213Kb / 12P
   Power Module for 0.75 hp Motor Drives
IRPT1059 IRF-IRPT1059 Datasheet
333Kb / 12P
   Integrated Power Stage for 1hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com