Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV3216-10K Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216-10K
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216-10K Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

  IS61LV3216-10K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216-10K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IS61LV3216
ISSI®
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
04/17/01
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-10
-12
-15
-20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
10
12
15
20
ns
tSCE
CE to Write End
9
10
11
12
ns
tAW
Address Setup Time
9
10
11
12
ns
to Write End
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
ns
tPWB
LB, UB Valid to End of Write
9
10
11
12
ns
tPWE
WE Pulse Width
7
8
10
11
ns
tSD
Data Setup to Write End
5
6
7
——
8ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
5
6
7
8ns
tLZWE(2) WE HIGH to Low-Z Output
1
1
1
1
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100%
tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be
in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and
Hold timing are referenced to the rising or falling edge of the signal that terminates the write.


Similar Part No. - IS61LV3216-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10K ISSI-IS61LV3216L-10K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-10T ISSI-IS61LV3216L-10T Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12K ISSI-IS61LV3216L-12K Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216L-12KI ISSI-IS61LV3216L-12KI Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216L ISSI-IS61LV3216L Datasheet
102Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com