Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2453D Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2453D
Description  SELF-OSCILLATING FULL-BRIDGE DRIVER IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2453D Datasheet(HTML) 5 Page - International Rectifier

  IRS2453D Datasheet HTML 1Page - International Rectifier IRS2453D Datasheet HTML 2Page - International Rectifier IRS2453D Datasheet HTML 3Page - International Rectifier IRS2453D Datasheet HTML 4Page - International Rectifier IRS2453D Datasheet HTML 5Page - International Rectifier IRS2453D Datasheet HTML 6Page - International Rectifier IRS2453D Datasheet HTML 7Page - International Rectifier IRS2453D Datasheet HTML 8Page - International Rectifier IRS2453D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IRS2453D
PbF
Electrical Characteristics
VBIAS (VCC, VBS) = 14V, CT = 1 nF and TA = 25°C unless otherwise specified. The VO and IO parameters are referenced to COM and are
applicable to the respective output leads: HO or LO. CLO1=CLO2=CHO1=CHO2=1nF.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Gate Driver Output Characteristics
VOH
High-Level Output Voltage, VBIAS - VO
---
VCC
---
IO = 0A
VOL
Low-Level Output Voltage, VO
---
COM
---
IO = 0A
VOL_UV
UV-Mode Output Voltage, VO
---
COM
---
IO = 0A,
VCC ≤ VCCUV-
tr
Output Rise Time
---
120
220
tf
Output Fall Time
---
50
100
tsd
Shutdown Propagation Delay
---
275
---
nsec
td
Output Deadtime (HO or LO)
0.75
1.0
1.50
µsec
IO+
Output source current
---
180
---
IO-
Output sink current
---
260
---
mA
Shutdown
VSD
Shutdown Threshold at SD pin (latched)
---
2.0
---
V
VCTSD
CT Voltage Shutdown Threshold (non latched)
---
2.3
---
V
VRTSD
SD-Mode RT Output Voltage, VCC - VRT
---
10
50
mV
IRT = 100
µA,
VCT = 0V
---
100
300
mV
IRT = 1mA,
VCT = 0V
Bootstrap FET Characteristics
VB1_ON
VB2_ON
VB when the bootstrap FET is on
---
13.7
---
V
IB1_CAP
IB2_CAP
VB source current when FET is on
30
55
---
CBS=0.1uF
IB1_10V
IB2_10V
VB source current when FET is on
8
12
---
mA
VB=10V


Similar Part No. - IRS2453D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453D IRF-IRS2453D Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D Datasheet
509Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453D INFINEON-IRS2453D Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
logo
International Rectifier
IRS2453DPBF IRF-IRS2453DPBF Datasheet
509Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453DPBF INFINEON-IRS2453DPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS2453D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2153 IRF-IRS2153 Datasheet
336Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2153DPBF INFINEON-IRS2153DPBF Datasheet
363Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
Data Sheet No. PD60238 revE
logo
International Rectifier
IRS2153D IRF-IRS2153D_15 Datasheet
360Kb / 14P
   SELF-OSCILLATING HALF-BRIDGE DRIVER IC
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
   Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
   SELF-OSCILLATING HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com