Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25YXH3300M16X315 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 25YXH3300M16X315
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25YXH3300M16X315 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  25YXH3300M16X315 Datasheet HTML 1Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 2Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 3Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 4Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 5Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 6Page - RUBYCON CORPORATION 25YXH3300M16X315 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L<
=16 : α=1.5 L>
=20 : α=2.0
10
0.6
5.0
12.5
18
16
0.8
7.5
◆STANDARD SIZE
Rated voltage 6.3V(0J)
150
210
0.58
2.3
330
340
0.22
0.87
680
640
0.13
0.52
1000
840
0.087
0.35
1200
1050
0.069
0.27
820
865
0.080
0.32
1200
1210
0.060
0.24
1500
1400
0.046
0.18
2200
1650
0.042
0.17
2700
1910
0.031
0.12
1800
1450
0.049
0.16
3300
1900
0.035
0.12
3900
2230
0.027
0.089
4700
2650
0.024
0.078
5600
2880
0.020
0.065
6800
3350
0.017
0.056
6800
2930
0.021
0.060
8200
3450
0.017
0.050
10000
3610
0.015
0.044
12000
4080
0.013
0.038
3900
2210
0.043
0.11
6800
2860
0.026
0.067
12000
4170
0.015
0.040
15000
4220
0.014
0.038
18000
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
10000
3140
0.019
0.049
18×25
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
2700
1940
0.042
0.12
16×16
5600
2530
0.027
0.078
16×20
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXH
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 25YXH3300M16X315

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25YXF1000M125X20 RUBYCON-25YXF1000M125X20 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25YXF100M63X11 RUBYCON-25YXF100M63X11 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25YXF2200M16X25 RUBYCON-25YXF2200M16X25 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25YXF220M8X115 RUBYCON-25YXF220M8X115 Datasheet
92Kb / 6P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
25YXF220MEFC8X11.5 RUBYCON-25YXF220MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25YXH3300M16X315

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com