Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72314W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72314W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72314W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72314W Datasheet HTML 1Page - Sanyo Semicon Device LC72314W Datasheet HTML 2Page - Sanyo Semicon Device LC72314W Datasheet HTML 3Page - Sanyo Semicon Device LC72314W Datasheet HTML 4Page - Sanyo Semicon Device LC72314W Datasheet HTML 5Page - Sanyo Semicon Device LC72314W Datasheet HTML 6Page - Sanyo Semicon Device LC72314W Datasheet HTML 7Page - Sanyo Semicon Device LC72314W Datasheet HTML 8Page - Sanyo Semicon Device LC72314W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
No. 6650-4/12
LC72314W, 72315W, 72316W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH1
XIN: VDD1 = 1.3 V
3
µA
IIH2
FMIN, AMIN, HCTR: VDD1 = 1.3 V
3
8
20
µA
Input high-level current
IIH3
Port PF: VDD1 = 1.3 V
4
µA
PA (without pull-down resistors), the PC,
IIH4
PD, PG, PH, PI, PJ, PK, and PL ports, and
3
µA
BRES: VDD1 = 1.3 V
IIL1
XIN: VDD1 = VSS
–3
µA
IIL2
FMIN, AMIN, HCTR: VDD1 = VSS
–3
–8
–20
µA
Input low-level current
IIL3
Port PF: VDD1 = VSS
–4
µA
IIL4
PA (without pull-down resistors), the PC,
PD, PG, PH, PI, PJ, PK, and PL ports, and
–3
µA
BRES: VDD1 = VSS
Input floating voltage
VIF
PA (with pull-down resistors)
0.05 VDD1
V
RPD1
PA/PF (with pull-down resistors), VDD1 = 1.3 V
75
100
200
k
Pull-down resistor
RPD2
TEST1, TEST2 (with pull-down resistors),
10
k
VDD1 = 1.3 V
Hysteresis
VH
BRES
0.1 VDD1
0.2 VDD1
V
VOH1
PB: IO = 1 mA
VDD1 –
V
0.3 VDD1
VOH2
PC, PD, PG, PH, PI, PJ, PK, and PL:
VDD1 –
V
IO = 1 mA
0.3 VDD1
VOH3
EO: IO = 500 µA
VDD4 –
V
Output high-level voltage
0.3 VDD4
VOH4
XOUT: IO = 1 µA
VDD1 –
V
0.3 VDD1
VOH5
S1 to S28: IO = 20 µA
VDD4 –1
V
VOH6
COM1, COM2, COM3, COM4:
VDD4 –1
V
IO = 100 µA
VOH7
VDC1: IO = 1 mA
VDD4 –1
V
VOL1
PB: IO = –50 µA
0.3 VDD1
V
VOL2
PC, PD, PE, PG, PH, PI, PJ, PK,
0.3 VDD1
V
and PL: IO = –1 mA
VOL3
EO: IO = –500 µA
0.3 VDD4
V
Output low-level voltage
VOL4
XOUT: IO = –1 µA
0.3 VDD1
V
VOL5
S1 to S28: IO = –20 µA
VDD4 –2
V
VOL6
COM1, COM2, COM3, COM4:
VDD4 –2
V
IO = –100 µA
VOL7
PE: IO = 2 mA
0.6 VDD1
V
IOFF1
Ports PB, PC, PD, PG, PH, PI, PJ, PK, PL,
–3
+3
µA
Output off leakage current
and EO
IOFF2
Port PE
–100
+100
nA
A/D converter error
ADI0, ADI1, ADI3 VDD1
–1/2
+1/2
LSB
IDD1
VDD1 = 1.3 V: FIN2 130 MHz, Ta = 25°C
10
30
mA
IDD2
VDD1 = 1.3 V: In PLL stop mode, Ta = 25°C
0.15
mA
Current drain
IDD3
VDD1 = 1.3 V: In HALT mode, Ta = 25°C *1
0.1
mA
IDD4
VDD1 = 1.8 V, with the oscillator stopped,
1
µA
Ta = 25°C *2
Electrical Characteristics under allowable operating conditions
Note*: The halt mode current drain is due to 20 instruction being executed every 125 ms.


Similar Part No. - LC72314W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7230 SANYO-LC7230 Datasheet
553Kb / 12P
   Single-Chip PLL Controller with LCD Driver
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
   Single-chip PLL Controller
LC7232-8291 SANYO-LC7232-8291 Datasheet
865Kb / 35P
   1-Chip PLL Controller
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results

Similar Description - LC72314W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com