Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63YXH6800M125X40 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 63YXH6800M125X40
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63YXH6800M125X40 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  63YXH6800M125X40 Datasheet HTML 1Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 2Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 3Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 4Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 5Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 6Page - RUBYCON CORPORATION 63YXH6800M125X40 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rated voltage 10V(1A)
100
210
0.58
2.3
220
340
0.22
0.87
470
640
0.13
0.52
680
840
0.087
0.35
1000
1050
0.069
0.27
1000
1210
0.060
0.24
1200
1400
0.046
0.18
1650
0.042
0.17
2200
1500
2200
1910
0.031
0.12
3300
3900
1900
0.035
0.12
2230
0.027
0.089
4700
2650
0.024
0.078
5600
2880
0.020
0.065
2200
3350
0.017
0.056
3900
1940
0.042
0.12
5600
2530
0.027
0.078
6800
2930
0.021
0.060
8200
3450
0.017
0.050
10000
3610
0.015
0.044
2700
4080
0.013
0.038
5600
2210
0.043
0.11
6800
2860
0.026
0.067
10000
3140
0.019
0.049
12000
4220
0.014
0.038
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
680
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
8200
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
1500
1450
0.049
0.16
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
Rated voltage 16V(1C)
56
210
0.58
2.3
120
340
0.22
0.87
330
640
0.13
0.52
470
840
0.087
0.35
680
1050
0.069
0.27
680
1210
0.060
0.24
1000
1400
0.046
0.18
1200
1650
0.042
0.17
1500
1910
0.031
0.12
1000
1450
0.049
0.16
1500
1900
0.035
0.12
2200
2230
0.027
0.089
2700
2650
0.024
0.078
3300
2880
0.020
0.065
3900
3350
0.017
0.056
1500
1940
0.042
0.12
2700
2530
0.027
0.078
3900
2930
0.021
0.060
4700
3450
0.017
0.050
5600
3610
0.015
0.044
6800
4080
0.013
0.038
2200
2210
0.043
0.11
3900
2860
0.026
0.067
4700
3140
0.019
0.049
8200
4220
0.014
0.038
10000
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
470
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
5600
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXH
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 63YXH6800M125X40

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63YXA1000M16X25 RUBYCON-63YXA1000M16X25 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA100M10X125 RUBYCON-63YXA100M10X125 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA10M5X11 RUBYCON-63YXA10M5X11 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA22000M18X40 RUBYCON-63YXA22000M18X40 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63YXA2200M10X20 RUBYCON-63YXA2200M10X20 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63YXH6800M125X40

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com