Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100YXG220M16X20 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 100YXG220M16X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100YXG220M16X20 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  100YXG220M16X20 Datasheet HTML 1Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 2Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 3Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 4Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 5Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 6Page - RUBYCON CORPORATION 100YXG220M16X20 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rated voltage 25V(1E)
47
210
0.58
2.3
100
340
0.22
0.87
220
640
0.13
0.52
330
840
0.087
0.35
470
1050
0.069
0.27
470
1210
0.060
0.24
680
1400
0.046
0.18
680
1650
0.042
0.17
1000
820
1000
1910
0.031
0.12
1500
1450
0.049
0.16
1800
1900
0.035
0.12
2230
0.027
0.089
2200
2650
0.024
0.078
2700
2880
0.020
0.065
1000
3350
0.017
0.056
1800
1940
0.042
0.12
2700
2530
0.027
0.078
3300
2930
0.021
0.060
3900
3450
0.017
0.050
4700
3610
0.015
0.044
1200
4080
0.013
0.038
2200
2210
0.043
0.11
3300
2860
0.026
0.067
4700
3140
0.019
0.049
5600
4220
0.014
0.038
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
330
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
3900
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
Rated voltage 35V(1V)
33
210
0.58
2.3
56
340
0.22
0.87
150
640
0.13
0.52
220
840
0.087
0.35
270
1050
0.069
0.27
330
1210
0.060
0.24
470
1400
0.046
0.18
560
1650
0.042
0.17
680
1910
0.031
0.12
470
1450
0.049
0.16
680
1900
0.035
0.12
1000
2230
0.027
0.089
1200
2650
0.024
0.078
1500
2880
0.020
0.065
1800
3350
0.017
0.056
680
1940
0.042
0.12
1200
2530
0.027
0.078
1800
2930
0.021
0.060
2200
3450
0.017
0.050
2700
3610
0.015
0.044
3300
4080
0.013
0.038
1000
2210
0.043
0.11
1800
2860
0.026
0.067
2200
3140
0.019
0.049
3300
4220
0.014
0.038
3900
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
220
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
2700
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 100YXG220M16X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100YXG1000MEFC18X40 RUBYCON-100YXG1000MEFC18X40 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100YXG220M16X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com