Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35YXG1200M125X30 Datasheet(PDF) 5 Page - RUBYCON CORPORATION

Part # 35YXG1200M125X30
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35YXG1200M125X30 Datasheet(HTML) 5 Page - RUBYCON CORPORATION

  35YXG1200M125X30 Datasheet HTML 1Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 2Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 3Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 4Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 5Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 6Page - RUBYCON CORPORATION 35YXG1200M125X30 Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rated voltage 50V(1H)
22
180
0.70
2.8
56
295
0.30
1.2
100
555
0.17
0.68
120
730
0.12
0.48
150
760
0.12
0.48
220
1050
0.084
0.34
270
1220
0.060
0.24
270
1440
0.055
0.22
470
330
470
1690
0.043
0.17
560
1260
0.061
0.20
680
1660
0.045
0.15
1950
0.034
0.11
820
2310
0.030
0.10
1000
2510
0.025
0.083
470
2920
0.021
0.069
1690
0.055
0.17
1000
2555
0.025
0.075
3010
0.022
0.066
3150
0.019
0.057
1200
3710
0.016
0.048
1500
1930
0.054
0.15
1800
560
1000
1200
1800
2490
0.036
0.097
2200
2740
0.026
0.070
2700
3635
0.021
0.057
3680
0.017
0.046
3800
0.014
0.038
5×11
6.3×11
8×16
180
910
0.091
0.36
8×20
8×11.5
10×28
10×23
10×20
10×16
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
820
2210
0.034
0.10
16×20
20℃, 100kHz
−10℃, 100kHz
Rated voltage 63V(1J)
15
55
2.3
9.3
33
115
1.2
5.0
56
232
0.63
2.8
82
300
0.45
2.1
120
362
0.33
1.6
120
357
0.31
1.5
180
466
0.21
0.94
220
531
0.20
0.84
270
663
0.15
0.71
180
466
0.23
1.1
270
690
0.16
0.64
330
784
0.12
0.45
470
905
0.10
0.42
560
1050
0.083
0.35
680
1180
0.071
0.30
270
795
0.14
0.66
470
1040
0.091
0.38
560
1250
0.073
0.27
820
1570
0.054
0.20
1000
1790
0.045
0.17
1200
2020
0.040
0.15
390
920
0.12
0.50
680
1240
0.080
0.30
820
1490
0.057
0.21
1200
1790
0.040
0.15
1500
2330
0.036
0.13
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
82
288
0.43
1.8
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
1000
1630
0.047
0.17
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 35YXG1200M125X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG150MEFC8X11.5 RUBYCON-35YXG150MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 35YXG1200M125X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com