Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63WXA10000M18X20 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 63WXA10000M18X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63WXA10000M18X20 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  63WXA10000M18X20 Datasheet HTML 1Page - RUBYCON CORPORATION 63WXA10000M18X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
680
1000
2200
3300
4700
6800
10000
18×20
1430
16×20
1200
18×16
1000
16×16
930
12.5×16
770
18×25
1680
18×20
1330
16×20
1200
16×16
930
18×25
1680
18×20
1330
16×20
1200
16×16
930
770
10×9
370
8×9
310
8×9
270
18×25
1490
18×20
1200
16×20
1100
18×25
1490
18×20
1200
16×16
850
12.5×16
640
640
10×9
360
10×9
300
8×9
250
18×25
1320
16×20
890
16×16
710
470
220
330
150
100
12.5×16
570
10×9
300
8×9
200
12.5×16
670
12.5×16
10×9
370
10×9
310
8×9
240
12.5×16
10×9
460
8×9
300
8×9
270
10×9
460
10×9
350
8×9
295
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
160
(2C)
Size
Ripple
200
(2D)
Size
Ripple
250
(2E)
Size
Ripple
350
(2V)
Size
Ripple
400
(2G)
Size
Ripple
450
(2W)
Size
Ripple
10
22
33
47
68
100
1.5
2.2
3.3
4.7
6.8
150
18×20
464
220
18×25
602
16×20
381
18×16
305
16×16
245
12.5×16
175
10×9
85
8×9
60
8×9
54
16×20
381
18×25
532
16×20
355
16×16
250
12.5×16
175
16×20
397
18×25
451
18×16
309
16×16
238
10×9
85
12.5×16
156
8×9
60
8×9
54
10×9
69
8×9
54
12.5×16
156
18×25
397
18×20
309
16×20
238
18×16
183
12.5×16
100
12.5×16
94
10×9
49
8×9
37
18×20
309
16×20
238
16×20
187
12.5×16
100
12.5×16
94 12.5×16
77
10×9
40
10×9
49
8×9
35
18×25
275
18×25
238
16×20
170
16×16
109
8×9
19
10×9
29
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
WXA
10
0.6
8
3.5
φD
φd
F
α
5.0
7.5
0.8
12.5
16
18
L≦16 :α=1.5
L≧20 :α=2.0
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Description - 63WXA10000M18X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com