Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10ZLH3900M125X25 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 10ZLH3900M125X25
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

10ZLH3900M125X25 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  10ZLH3900M125X25 Datasheet HTML 1Page - RUBYCON CORPORATION 10ZLH3900M125X25 Datasheet HTML 2Page - RUBYCON CORPORATION 10ZLH3900M125X25 Datasheet HTML 3Page - RUBYCON CORPORATION 10ZLH3900M125X25 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
47
100
220
270
330
390
470
560
680
1000
1200
1500
1500
1800
2200
345
0.22
0.80
5×11
540
0.094
0.35
6.3×11
945
0.056
0.19
8×11.5
1250
0.045
0.15
8×16
1500
0.029
0.11
8×20
1330
0.039
0.14
10×12.5
1760
0.028
0.10
10×16
1960
0.020
0.060
10×20
2250
0.018
0.054
10×23
2480
0.017
0.043
12.5×20
2900
0.015
0.038
12.5×25
3450
0.013
0.033
12.5×30
3570
0.012
0.031
12.5×35
3250
0.015
0.038
16×20
3630
0.013
0.035
16×25
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
Rated voltage 35V(1V)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
20℃, 100kHz
−10℃, 100kHz
27
56
100
120
150
180
220
270
330
470
560
680
820
820
1000
238
385
724
950
979
1190
1370
1580
1870
2050
2410
2860
2960
2730
3010
0.34
0.14
0.074
0.061
0.061
0.046
0.042
0.030
0.028
0.027
0.023
0.021
0.019
0.023
0.021
1.18
0.50
0.22
0.18
0.18
0.14
0.12
0.090
0.085
0.068
0.059
0.052
0.051
0.059
0.056
5×11
6.3×11
8×11.5
8×16
8×20
10×12.5
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
16×25
16×20
Rated voltage 50V(1H)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance
(ΩMAX)
20℃, 100kHz
−10℃, 100kHz


Similar Part No. - 10ZLH3900M125X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
10ZLH1000MEFC10X12.5 RUBYCON-10ZLH1000MEFC10X12.5 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
logo
Infineon Technologies A...
10ZLH1000MEFC10X12.5 INFINEON-10ZLH1000MEFC10X12.5 Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
RUBYCON CORPORATION
10ZLH150MEFC5X11 RUBYCON-10ZLH150MEFC5X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
10ZLH470MEFC6.3X11 RUBYCON-10ZLH470MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
logo
Infineon Technologies A...
10ZLH680MEFC8X11.5 INFINEON-10ZLH680MEFC8X11.5 Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - 10ZLH3900M125X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com