Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80VXP1800M25X35 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 80VXP1800M25X35
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

80VXP1800M25X35 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  80VXP1800M25X35 Datasheet HTML 1Page - RUBYCON CORPORATION 80VXP1800M25X35 Datasheet HTML 2Page - RUBYCON CORPORATION 80VXP1800M25X35 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
WV
øD
Cap(
µF)
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
10
16
ø22
ø25
ø30
v35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
5600
4700
3900
3300
2700
6800
8200
10000
12000
15000
18000
22000
27000
25
35
ø22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
5600
6800
8200
10000
12000
1500
1200
1000
1800
2200
2700
3300
3900
4700
50
63
v22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
WV
øD
Cap(
µF)
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
80
100
ø22
ø25
ø30
ø35
ø22
ø25
ø30
ø35
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x40
25x45
25x50
30x25
30x30
30x30
30x35
30x40
30x45
30x50
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x40
25x45
25x50
30x25
30x30
30x35
30x40
30x45
30x50
35x30
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x35
30x40
30x45
30x50
35x30
35x30
35x35
35x40
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
22x25
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x50
35x30
35x35
35x40
35x45
35x50
22x25
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
25x25
25x30
25x35
25x45
30x25
30x25
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
22x25
22x30
22x35
22x40
22x45
22x50
25x25
25x30
25x35
25x40
25x45
30x25
30x30
30x30
30x35
30x40
30x45
35x30
35x35
35x40
35x45
35x50
1.36
1.65
1.85
2.12
2.40
1.82
2.11
2.32
2.59
3.01
3.43
2.14
2.37
2.73
3.13
3.53
3.78
4.58
3.05
3.49
3.96
4.60
5.06
1.44
1.66
1.79
2.08
2.36
2.69
1.67
2.07
2.37
2.72
3.06
3.39
2.13
2.54
3.02
3.46
3.88
4.33
3.09
3.31
3.85
4.33
4.96
5.49
1.31
1.55
1.77
2.02
2.27
2.56
1.56
1.88
2.18
2.53
2.79
1.92
2.38
2.70
3.13
3.52
3.92
2.76
3.00
3.50
3.95
4.72
1.29
1.54
1.77
2.01
2.25
2.49
1.55
1.87
2.18
2.45
2.80
1.80
2.28
2.69
3.04
3.38
2.78
3.30
3.88
4.40
1.21
1.28
1.52
1.77
2.02
2.27
1.46
1.76
1.87
2.20
2.43
2.72
1.72
2.09
2.22
2.58
3.01
3.63
2.35
2.91
3.36
3.79
4.06
1.10
1.17
1.41
1.62
1.85
2.10
1.38
1.63
1.75
2.03
2.33
2.58
1.66
2.01
2.15
2.46
2.82
3.22
2.31
2.77
3.20
3.61
3.94
1.09
1.29
1.48
1.70
1.91
1.32
1.74
1.86
2.22
1.58
1.68
2.02
2.50
2.69
2.94
2.18
2.60
3.00
3.44
3.72
1.01
1.19
1.33
1.56
1.76
2.00
1.26
1.52
1.76
2.03
2.29
1.47
1.76
1.89
2.19
2.52
2.86
2.05
2.48
2.87
3.25
3.56
♦STANDARD SIZE, RATED RIPPLE CURRENT
VXP
Case Size øDxL(mm)
Ripple Current (A r.m.s./120Hz·105
°C)


Similar Part No. - 80VXP1800M25X35

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - 80VXP1800M25X35

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com