Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63SEV6800M18X165 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 63SEV6800M18X165
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63SEV6800M18X165 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  63SEV6800M18X165 Datasheet HTML 1Page - RUBYCON CORPORATION 63SEV6800M18X165 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
SEV
SERIES
SEV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+85℃
4∼100V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
                 
Rated Voltage
(V)
φ3
tanδ
0.40
4
0.30
6.3
10
0.20
16
0.16
25
0.14
35
0.14
50
φ6.3×8,φ8∼φ18 0.50 0.35 0.26 0.20 0.16 0.14 0.12
φ4,φ5,φ6.3×5.5 0.40 0.26 0.22 0.18 0.16 0.13 0.12
63
100
0.12 0.10
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
15
4
8
6.3
8
10
4
16
4
25
3
35
3
7432222
50
5
63
5
22
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hrs at 85℃, the capacitors shall meet the following requirements.
85℃, Lead Free Reflow Soldering.
◆FEATURES
Case Dia φ3∼φ18mm
Lead free reflow soldering is available.
Available for high density mounting.
(20℃,120Hz)
(120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆MARKING
◆PART NUMBER
□□□
Rated Voltage
SEV
Series
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.50
1.00
1.20
1.30
1.50
0.65
0.1∼1μF
2.2∼4.7μF
1.00
1.20
1.30
1.50
0.80
10∼47μF
1.00
1.20
1.30
1.50
0.80
100∼1000μF
1.00
1.10
1.15
1.20
0.80
2200∼10000μF
1.00
1.05
1.10
1.15
〈φ3∼φ6.3, φ8×6.5〉 〈φ8×10.5, φ10∼φ18〉
Series
Lot No.
Lot No.
Capacitance
Trade mark
Maximum operating
temperature
Capacitance
※Rated voltage
Rated voltage
Polarity of the terminals
(           )
※Voltage mark for 6.3V is 6Vφ3 omits V
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
RoHS compliance.
UAA
100
6V
Rubycon
100μF
50V


Similar Part No. - 63SEV6800M18X165

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
63S440 ETC1-63S440 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
63S441 ETC1-63S441 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
63S441A ETC1-63S441A Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
logo
RUBYCON CORPORATION
63SGV1000M10X105 RUBYCON-63SGV1000M10X105 Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
63SGV1000M125X135 RUBYCON-63SGV1000M125X135 Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63SEV6800M18X165

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com