Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ102K1A55VDC.20 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ102K1A55VDC.20
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ102K1A55VDC.20 Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ102K1A55VDC.20 Datasheet HTML 1Page - CIT Relay & Switch WJ102K1A55VDC.20 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series:
WJ102 (6 pin configuration) STD
WJ102K (5 pin configuration)
WJ102
2.Contact Arrangement:
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1C
3. Sealing Options:
S = Sealed
S
4: Contact Options:
1 = 1 Amp (Requires .2, .36, or .45 Watt coil)
3 = 3 Amp (Requires .2, .36, or .45 Watt coil)
5 = 5 Amp (Requires .45 Watt coil)
3
5. Coil Voltage:
3VDC
5VDC
6VDC
9VDC
12VDC
24VDC
12VDC
6. Coil Power:
.20 = .20W
.36 = .36W
.45 = .45W
.45
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ102
WJ102
1A
1B
1C
WJ102K
1A
1B
1C


Similar Part No. - WJ102K1A55VDC.20

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WJ10050-100 LSTD-WJ10050-100 Datasheet
103Kb / 1P
   this print is the property of laird tech
WJ10050-300 LSTD-WJ10050-300 Datasheet
102Kb / 1P
   this print is the property of laird tech
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS12VDC CIT-WJ1011AS12VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
WJ1011AS24VDC CIT-WJ1011AS24VDC Datasheet
147Kb / 2P
   Switching capacity up to 5A
More results

Similar Description - WJ102K1A55VDC.20

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com