Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ8502CS3VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ8502CS3VDC
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ8502CS3VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ8502CS3VDC Datasheet HTML 1Page - CIT Relay & Switch WJ8502CS3VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Monostable
Passes FCC part 68
Ultra low profile, 5.00mm height
UL/CUL certified
E197851
14.0 x 9.0 x 5.0 mm
CONTACT DATA
Contact Arrangement
2C = DPDT bifurcated contact
Contact Rating
1A @ 30VDC
.5A @ 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgPd stationary contact Au plated
Maximum Switching Power
30W
Maximum Switching Voltage
250VAC, 220VDC
Maximum Switching Current
1A
COIL DATA - Monostable
Coil Voltage
VDC
(Monostable)
Rated
Max.
Coil
Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
64.3
2.25
0.3
4.5
5.7
145
3.38
0.45
5
6.5
178
3.75
0.5
6
7.8
257
4.50
0.6
9
11.7
579
6.75
0.9
12
15.6
1028
9.00
1.2
.14
24
31.2
2880
18.00
2.4
.20
2
1
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
200K cycles, typical
100M cycles, typical
Capacitance: Between open contacts
Between coil and contacts
Between contact poles
0.4pF
0.9pF
0.2pF
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength: Coil to Contact
Contact to Contact
1000V rms min. @ sea level
1000V rms min. @ sea level
Shock Resistance
500m/s
2 for 11ms
Vibration Resistance
3mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
1.5g
WJ850SM


Similar Description - WJ8502CS3VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com