Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

350WXA47M18X20 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 350WXA47M18X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

350WXA47M18X20 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  350WXA47M18X20 Datasheet HTML 1Page - RUBYCON CORPORATION 350WXA47M18X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−40∼+105℃
160∼250V.DC
−25∼+105℃
350∼450V.DC
−55∼+105℃
6.3∼50V.DC
±20%(20℃, 120Hz)
Rated Voltage
(V)
tanδ
0.30
6.3
0.26
10
0.20
16
0.18
25
0.14
35
0.12
50
0.20 0.20 0.20 0.20 0.20
160 200 250 350 400
0.25
0.26
φ8, φ10
φ12.5∼φ18
0.22 0.18 0.16 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25
450
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
8
10
6
16
4
25
4
35
3
43222
50
3
2
160
3
200
3
250
3
350
6
400
6
450
6
After applying rated voltage with rated ripple current for 2000hrs at 105℃, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃, 120Hz)
(120Hz)
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
◆PART NUMBER
□□□
Rated Voltage
WXA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
160∼450V.DC
6.3∼50V.DC
CV≦1000
CV>1000
I
=0.1CV+40
μA (1minute)
I
=0.03CV+15
μA (5minutes)
I
=0.04CV+100
μA (1minute)
I
=0.02CV+25
μA (5minutes)
Leakage Current(MAX)
I
=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I
Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.65
1.0
1.20
1.30
1.50
0.8
1.5∼6.8μF
10∼68μF
1.0
1.20
1.30
1.50
0.8
100∼1000μF
1.0
1.10
1.15
1.20
0.8
2200∼10000μF
1.0
1.05
1.10
1.15
WXA
YXG
Low Impedance
RoHS compliance.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
WXA
SERIES
WXA
105℃ Miniaturized low profile.
◆FEATURES
9∼25mm height.


Similar Part No. - 350WXA47M18X20

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
350 CTS-350 Datasheet
105Kb / 2P
   9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
logo
Cornell Dubilier Electr...
350 CDE-350 Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Mill-Max Mfg. Corp.
350 MILL-MAX-350 Datasheet
116Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Intel Corporation
350 INTEL-350 Datasheet
1Mb / 82P
   Celeron D Processor
350 INTEL-350 Datasheet
879Kb / 68P
   Celeron M Processor on 90 nm Process
More results

Similar Description - 350WXA47M18X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com