Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

160YXF33M125X20 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 160YXF33M125X20
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

160YXF33M125X20 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  160YXF33M125X20 Datasheet HTML 1Page - RUBYCON CORPORATION 160YXF33M125X20 Datasheet HTML 2Page - RUBYCON CORPORATION 160YXF33M125X20 Datasheet HTML 3Page - RUBYCON CORPORATION 160YXF33M125X20 Datasheet HTML 4Page - RUBYCON CORPORATION 160YXF33M125X20 Datasheet HTML 5Page - RUBYCON CORPORATION 160YXF33M125X20 Datasheet HTML 6Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
100
47
150
0.90
3.6
5×11
220
250
0.40
1.6
6.3×11
330
1.0
470
400
400
0.25
1.0
0.25
0.65
8×11.5
8×11.5
1000
580
0.16
0.30
10×12.5
10×20
2200
1050
0.078
0.16
16×31.5
18×35.5
3300
1650
0.048
0.096
12.5×25
4700
1850
0.034
16×25
6800
2000
0.029
0.087
2200
0.025
0.058
150
0.90
3.6
5×11
150
0.90
3.6
5×11
1.6
6.3×11
250
0.40
1.0
400
0.25
8×11.5
0.46
10×16
770
0.12
0.65
10×12.5
580
0.16
0.21
16×31.5
18×35.5
1300
0.062
12.5×20
16×25
1850
0.034
0.096
2000
0.029
0.087
2200
0.025
0.058
100
47
33
220
330
470
1000
2200
3300
4700
150
0.90
3.6
5×11
1.6
6.3×11
250
0.40
1.0
400
0.25
8×11.5
0.46
10×16
770
0.12
0.30
10×20
1050
0.078
0.65
10×12.5
580
0.16
0.16
16×31.5
18×35.5
1650
0.048
12.5×25
2000
0.029
0.087
2200
0.025
0.058
100
47
33
220
330
470
1000
2200
3300
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated voltage 16V(1C)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 25V(1E)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated voltage 35V(1V)
20℃, 100kHz
−10℃, 100kHz
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)


Similar Part No. - 160YXF33M125X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
160YXA100M125X25 RUBYCON-160YXA100M125X25 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160YXA10M8X115 RUBYCON-160YXA10M8X115 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160YXA220M16X355 RUBYCON-160YXA220M16X355 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160YXA22M10X16 RUBYCON-160YXA22M10X16 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160YXA330M18X355 RUBYCON-160YXA330M18X355 Datasheet
52Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 160YXF33M125X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com