Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

315VXR220M22X45 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 315VXR220M22X45
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

315VXR220M22X45 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  315VXR220M22X45 Datasheet HTML 1Page - RUBYCON CORPORATION 315VXR220M22X45 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
φD
Cap(
μF)
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
160
180
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
270
330
390
470
560
680
820
1000
1200
1500
200
250
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
150
120
100
82
270
330
390
470
560
680
315
350
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
WV
φD
Cap(
μF)
220
180
150
120
100
82
68
56
47
39
270
330
390
470
400
φ22
φ25
φ30
φ35
1.10
1.20
1.30
1.40
1.50
1.50
1.70
2.00
2.20
2.20
2.30
2.50
2.70
2.90
2.30
2.50
2.70
1.70
2.00
2.20
2.30
1.30
1.40
1.50
1.70
2.00
1.00
1.10
1.30
1.20
1.40
1.50
1.50
1.40
1.70
2.00
2.20
2.20
2.00
2.30
2.50
2.70
2.90
2.30
2.50
1.70
2.00
2.20
1.30
1.20
1.40
1.50
1.70
1.00
1.10
1.20
1.30
1.20
1.10
1.40
1.50
1.50
1.40
1.30
1.70
2.00
2.20
2.20
2.00
2.30
2.50
2.30
1.70
2.00
1.30
1.40
1.50
1.70
1.00
0.90
1.10
1.00
0.90
1.10
1.30
1.20
1.10
1.30
1.20
1.40
1.50
1.50
1.40
1.70
1.50
1.40
1.70
2.00
2.20
2.20
2.00
2.30
1.70
1.30
1.20
1.40
0.64
0.69
0.75
1.20
1.10
1.40
1.30
1.50
1.70
0.82
0.90
1.00
0.64
0.69
0.75
0.82
0.90
1.00
0.69
0.75
0.82
0.90
1.00
0.82
0.90
1.00
0.75
0.82
0.90
1.00
1.20
1.10
1.40
1.30
1.20
1.10
0.82
0.90
1.00
0.64
0.56
0.51
0.69
0.64
0.56
0.69
0.75
0.82
0.90
0.75
0.75
0.82
0.90
1.00
1.20
1.10
1.40
1.30
1.20
1.10
0.82
0.90
1.00
0.90
1.00
1.10
1.10
1.30
1.20
1.10
1.30
1.20
1.40
1.50
1.40
22×25
22×25
25×25
25×30
25×30
30×25
30×30
30×30
30×35
35×30
35×35
35×35
35×40
35×45
30×40
30×45
30×50
25×35
25×40
25×45
25×50
22×30
22×35
22×40
22×45
22×50
22×25
22×25
25×25
25×25
25×30
25×35
30×25
30×25
30×30
30×35
30×35
35×30
35×30
35×35
35×40
35×45
35×50
30×40
30×50
25×35
25×40
25×50
22×30
22×30
22×35
22×40
22×45
22×25
22×30
25×25
25×25
25×30
25×35
30×25
30×25
30×30
30×30
30×35
35×30
35×35
35×40
35×50
30×40
30×45
25×35
25×40
25×45
22×30
22×35
22×40
22×45
22×50
22×25
25×25
25×25
25×30
25×30
30×25
30×25
30×30
30×30
30×35
35×30
35×30
35×35
35×35
35×40
35×45
30×40
30×45
30×50
25×35
25×40
25×45
25×50
22×35
22×30
22×40
22×45
22×50
22×25
22×30
25×30
25×25
25×30
25×35
30×25
30×25
30×30
30×35
30×40
35×30
35×35
35×40
35×50
35×30
35×45
30×40
30×45
25×40
25×50
22×30
22×35
22×40
22×45
22×25
22×30
25×30
25×25
25×25
25×30
25×35
30×25
30×30
30×30
30×35
35×30
35×35
35×40
35×50
35×25
35×45
30×40
30×45
25×40
25×45
22×30
22×35
22×40
22×45
22×50
22×25
25×25
25×30
25×30
30×25
30×30
30×30
30×35
35×30
35×35
35×35
35×40
35×50
30×40
30×45
30×50
25×35
25×40
25×45
22×35
22×30
22×40
22×45
22×50
◆STANDARD SIZE, RATED RIPPLE CURRENT
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR
450
φ22
φ25
φ30
φ35
0.40
0.47
0.53
0.56
0.64
0.64
0.72
0.79
0.87
0.87
1.00
1.19
1.38
1.00
0.72
0.79
0.53
0.56
0.64
22×30
0.37
22×25
22×35
25×30
0.47
25×25
25×35
25×40
30×30
0.56
30×25
30×30
30×40
30×45
35×35
35×40
35×45
35×50
0.79
35×30
30×50
25×45
25×50
22×40
22×45
22×50
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)


Similar Part No. - 315VXR220M22X45

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
315VXP100M22X30 RUBYCON-315VXP100M22X30 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
315VXP100M25X25 RUBYCON-315VXP100M25X25 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
315VXP120M22X35 RUBYCON-315VXP120M22X35 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
315VXP120M25X30 RUBYCON-315VXP120M25X30 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
315VXP150M22X40 RUBYCON-315VXP150M22X40 Datasheet
85Kb / 3P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 315VXR220M22X45

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com