Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-440TOUF Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G916-440TOUF
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-440TOUF Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G916-440TOUF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-440TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G916
Global Mixed-mode Technology Inc.
Selector Guide
ORDER NUMBER
ORDER NUMBER
(Pb free)
OUTPUT VOLTAGE (V)
MARKING
G916T1U
G916T1Uf
Adjustable
16xx
G916-120T1U
G916-120T1Uf
1.20
96AAx
G916-130T1U
G916-130T1Uf
1.30
96ABx
G916-140T1U
G916-140T1Uf
1.40
96ACx
G916-150T1U
G916-150T1Uf
1.50
96ADx
G916-160T1U
G916-160T1Uf
1.60
96AEx
G916-170T1U
G916-170T1Uf
1.70
96AFx
G916-180T1U
G916-180T1Uf
1.80
96AGx
G916-190T1U
G916-190T1Uf
1.90
96AHx
G916-200T1U
G916-200T1Uf
2.00
96AIx
G916-210T1U
G916-210T1Uf
2.10
96AJx
G916-220T1U
G916-220T1Uf
2.20
96AKx
G916-230T1U
G916-230T1Uf
2.30
96ALx
G916-240T1U
G916-240T1Uf
2.40
96AMx
G916-250T1U
G916-250T1Uf
2.50
96ANx
G916-260T1U
G916-260T1Uf
2.60
96AOx
G916-270T1U
G916-270T1Uf
2.70
96APx
G916-280T1U
G916-280T1Uf
2.80
96AQx
G916-285T1U
G916-285T1Uf
2.85
96ARx
G916-290T1U
G916-290T1Uf
2.90
96ASx
G916-300T1U
G916-300T1Uf
3.00
96ATx
G916-310T1U
G916-310T1Uf
3.10
96AUx
G916-315T1U
G916-315T1Uf
3.15
96AVx
G916-320T1U
G916-320T1Uf
3.20
96AWx
G916-330T1U
G916-330T1Uf
3.30
6Axx
G916-340T1U
G916-340T1Uf
3.40
96AYx
G916-350T1U
G916-350T1Uf
3.50
96AZx
G916-360T1U
G916-360T1Uf
3.60
96BAx
G916-370T1U
G916-370T1Uf
3.70
96BBx
G916-380T1U
G916-380T1Uf
3.80
96BCx
G916-390T1U
G916-390T1Uf
3.90
96BDx
G916-400T1U
G916-400T1Uf
4.00
96BEx
G916-410T1U
G916-410T1Uf
4.10
96BFx
G916-420T1U
G916-420T1Uf
4.20
96BGx
G916-430T1U
G916-430T1Uf
4.30
96BHx
G916-440T1U
G916-440T1Uf
4.40
96BIx
G916-450T1U
G916-450T1Uf
4.50
96BJx
G916-460T1U
G916-460T1Uf
4.60
96BKx
G916-470T1U
G916-470T1Uf
4.70
96BLx
G916-475T1U
G916-475T1Uf
4.75
96BMx
G916-480T1U
G916-480T1Uf
4.80
96BNx
G916-490T1U
G916-490T1Uf
4.90
96BOx
G916-500T1U
G916-500T1Uf
5.00
96BPx
T1: SOT-23-5


Similar Part No. - G916-440TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-440TOUF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com