Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-420TOUF Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G916-420TOUF
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-420TOUF Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G916-420TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 12Page - Global Mixed-mode Technology Inc G916-420TOUF Datasheet HTML 13Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G916
Global Mixed-mode Technology Inc.
Figure 2. Adjustable Output Using External
Feedback Resistors
Over Current Protection
The G916 uses a current sense-resistor to monitor the
output current. A portion of the PMOS output transis-
tor’s current is mirrored to a resistor such that the
voltage across this resistor is proportional to the output
current. Once the output current exceeds limit thresh-
old, G916 would be protected with a limited output
current. Further more, when the output is short to
ground, the output current would be folded-back to a
less limit.
Over Temperature Protection
To prevent abnormal temperature from occurring, the
G916 has a built-in temperature monitoring circuit.
When it detects the temperature is above 145°C, the
output transistor is turned off. When the IC is cooled
down to below 120°C, the output is turned on again. In
this way, the G916 will be protected against abnormal
junction temperature during operation.
Shutdown Mode
When the SHDN pin is connected a logic low voltage,
the G916 enters shutdown mode. All the analog cir-
cuits are turned off completely, which reduces the
current consumption to only the leakage current. The
G916 output pass transistor would get into high im-
pedance level. There is an internal discharge path to
help to shorten discharge delay time.
Operating Region and Power Dissipation
Since the G916 is a linear regulator, its power dissipa-
tion is always given by P = IOUT (VIN – VOUT). The
maximum power dissipation is given by:
PD(MAX) = (TJ–TA) /θJA,=(150°C-25°C)/240°C/W = 520mW
Where (TJ–TA) is the temperature difference the G916
die and the ambient air,θJA, is the thermal resistance
of the chosen package to the ambient air. For surface
mount device, heat sinking is accomplished by using
the heat spreading capabilities of the PC board and its
copper traces. In the case of a SOT-23-5 package, the
thermal resistance is typically 240°C/Watt. (See Rec-
ommended Minimum Footprint). Refer to Figure 3a &
3b is the G916 valid operating region (Safe Operating
Area) & refer to Figure 4 is maximum power dissipa-
tion of SOT-23-5.
The die attachment area of the G916’s lead frame is
connected to pin 2, which is the GND pin. Therefore,
the GND pin of G916 can carry away the heat of the
G916 die very effectively. To improve the maximum
power providing capability, connect the GND pin to
ground using a large ground plane near the GND pin.
Applications Information
Capacitor Selection and Regulator Stability
Normally, use a 1µF capacitor on the input and a 1µF
capacitor on the output of the G916. Larger input ca-
pacitor values and lower ESR provide better sup-
ply-noise rejection and transient response. A higher-
value input capacitor (10µF) may be necessary if large,
fast transients are anticipated and the device is lo-
cated several inches from the power source.
Power-Supply
Rejection
and
Operation
from
Sources Other than Batteries
The G916 is designed to deliver low dropout voltages
and low quiescent currents in battery powered sys-
tems. Power-supply rejection is 65dB at low frequen-
cies. As the frequency increases above 20kHz, the
output capacitor is the major contributor to the rejec-
tion of power-supply noise.
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output ca-
pacitors, and using passive filtering techniques.
Load Transient Considerations
The G916 load-transient response graphs show two
components of the output response: a DC shift of the
output voltage due to the different load currents, and
the transient response. Typical overshoot for step
changes in the load current from 10mA to 300mA is
8mV. Increasing the output capacitor's value and de-
creasing its ESR attenuates transient spikes.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential
(or dropout voltage) determines the lowest usable sup-
ply voltage. In battery-powered systems, this will de-
termine the useful end-of-life battery voltage. Because
the G916 use a P-channel MOSFET pass transistor,
their dropout voltage is a function of RDS(ON) multiplied
by the load current.
IN
OUT
SET
SHDN
G916
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
R
L
OUTPUT
VOLTAGE
GND
IN
OUT
SET
SHDN
G916
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
R
L
OUTPUT
VOLTAGE
GND


Similar Part No. - G916-420TOUF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-420TOUF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com