Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9131-18T26U Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G9131-18T26U
Description  300mA Low-Dropout Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9131-18T26U Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G9131-18T26U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G9131-18T26U Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ver: 1.6
Dec 22, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G9131
Global Mixed-mode Technology Inc.
Applications Information
Capacitor Selection and Regulator Stability
Normally, use a 1µF capacitor on the input and a 1µF
capacitor on the output of the G9131. Larger input ca-
pacitor values and lower ESR provide better sup-
ply-noise rejection and transient response. For stable
operation over the full temperature range, with load
currents up to 120mA, a minimum of 1µF is recom-
mended.
Power-Supply
Rejection
and
Operation
from
Sources Other than Batteries
The G9131 is designed to deliver low dropout voltages
and low quiescent currents in battery powered sys-
tems. Power-supply rejection is 47dB at low frequen-
cies the output capacitor is the major contributor to the
rejection of power-supply noise.
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output ca-
pacitors, and using passive filtering techniques.
Load Transient Considerations
The G9131 load-transient response graphs show two
components of the output response: a DC shift of the
output voltage due to the different load currents, and
the transient response. Typical overshoot for step
changes in the load current from 0mA to 300mA is
10mV. Increasing the output capacitor's value and
decreasing its ESR attenuates transient spikes.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential
(or dropout voltage) determines the lowest usable
supply voltage. In battery-powered systems, this will
determine the useful end-of-life battery voltage. Be-
cause the G9131 use a P-channel MOSFET pass
transistor, their dropout voltage is a function of RDS(ON)
multiplied by the load current.
Figure 1. Functional Diagram
IN
OUT
1.25V
Vref
ERROR
AMP
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
P
IN
OUT
1.25V
Vref
ERROR
AMP
OVER CURRENT
PROTECT & DYNAMIC
FEEDBACK
GND
R1
R2
OVER TEMP.
PROTECT
P


Similar Part No. - G9131-18T26U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9131-21 HAMAMATSU-G9131-21 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-22 HAMAMATSU-G9131-22 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-23 HAMAMATSU-G9131-23 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-24 HAMAMATSU-G9131-24 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G9131-18T26U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com