Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGH2805S Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MGH2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MGH2805S Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MGH2805S Datasheet HTML 1Page - Interpoint Corporation Company MGH2805S Datasheet HTML 2Page - Interpoint Corporation Company MGH2805S Datasheet HTML 3Page - Interpoint Corporation Company MGH2805S Datasheet HTML 4Page - Interpoint Corporation Company MGH2805S Datasheet HTML 5Page - Interpoint Corporation Company MGH2805S Datasheet HTML 6Page - Interpoint Corporation Company MGH2805S Datasheet HTML 7Page - Interpoint Corporation Company MGH2805S Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
INHIBIT
Input Voltage
• 12 to 50 V
Output Power
• 1.5 watts
Capacitive Load
• 200 µF single output models
• 100 µF each output, dual output models
Lead Soldering Temperature
• Reflow 220°C 30 sec. max
SN60, 62 or 63 recommended solder
• Hand solder 300°C 10 sec. max per lead
Storage Temperature Range (Case)
• –65°C to +150°C
B2-94
MGH SERIES
1.5 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 100 to 170 pF typical
Undervoltage Lockout
• 8 V input typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency (kHz)
• 25°C
300 min, 370 typ, 450 max
• –55°C to +125°C
270 min, 370 typ, 470 max
Inhibit Pin Voltage (unit enabled)
• 7 to 12 V
Input Voltage Range
• 12 to 50 VDC continuous
• 80 V for 120 msec transient
(70 V for 15 V single and dual models)
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current
• Linearly from 100% at 125C° to 0% at 135 C
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Inhibit: TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V
Inhibit pin current 1 mA max
• Referenced to input common
• Logic high (output enabled) open collector
SINGLE OUTPUT MODELS
MGH2805S
MGH2812S
MGH2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE1
Tc = 25°C
4.95
5
5.05
11.88
12
12.12
14.85
15
15.15
VDC
Tc = –55°C TO +125°C
4.80
5
5.20
11.52
12
12.48
14.40
15
15.60
OUTPUT CURRENT
VIN = 12 to 50 VDC
0
300
0
125
0
100
mA
OUTPUT POWER
VIN = 12 to 50 VDC
0
1.5
0
1.5
0
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
45
150
50
200
35
150
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
65
300
70
300
50
250
LINE REGULATION
VIN = 12 to 50 VDC
35
100
60
200
70
300
mV
Tc = –55°C TO +125°C
40
120
70
250
80
350
LOAD REGULATION
10% TO FULL LOAD
350
700
600
1300
700
1500
Tc = –55°C TO +125°C
380
800
640
1400
760
1600
50% TO FULL LOAD
100
200
145
300
165
350
mV
Tc = –55°C TO +125°C
115
300
160
400
185
450
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
80
0
80
0
70
V
INPUT CURRENT
NO LOAD
5.5
10
6.0
10
6.0
11
Tc = –55°C TO +125°C
6.0
11
6.5
12
6.5
12
FULL LOAD
70
74
68
72
68
72
mA
Tc = –55°C TO +125°C
73
78
70
74
70
74
INHIBITED
2.3
3.2
2.3
3.2
2.3
3.2
Tc = –55°C TO +125°C
2.4
3.5
2.4
3.5
2.4
3.5
INPUT RIPPLE
10k Hz - 10 MHz
100
200
100
200
100
200
mA p-p
CURRENT2
Tc = –55°C TO +125°C
130
250
150
250
150
250
EFFICIENCY
Tc = 25°C
72
77
74
79
74
79
%
Tc = –55°C TO +125°C
69
75
72
77
72
77
LOAD FAULT3, 4
POWER DISSIPATION
1.3
2.0
2.0
3.2
2.3
3.7
W
Tc = –55°C TO +125°C
1.4
2.3
2.2
3.5
2.5
4.0
RECOVERY
3.0
12
3.5
15
4.0
18
ms
Tc = -–55°C TO +125°C
3.5
15
3.5
20
4.0
20
STEP LOAD
TRANSIENT
–400
185
400
–700
350
700
–700
350
700
mV pk
RESPONSE5
Tc = –55°C TO +125°C
–500
185
500
–800
380
800
–800
380
800
50 %–100%– 50%
RECOVERY
125
500
130
500
140
600
µs
Tc = –55°C TO +125°C
125
600
130
600
180
750
STEP LINE
TRANSIENT
–400
170
400
–900
400
900
–750
400
750
mV pk
RESPONSE5
Tc = –55°C TO +125°C
–500
180
500
–1000
400
1000
–850
450
850
12 TO 50 TO 12 VIN
RECOVERY
0.75
3.0
0.6
2.5
0.47
2.0
ms
Tc = –55°C TO +125°C
0.75
4.0
0.6
3.0
0.5
2.5
START-UP
DELAY
7
20
7
20
7
20
ms
0 TO 28 VDC
Tc = –55°C TO +125°C
10
40
10
40
10
40
OVERSHOOT
0
100
0
250
0
300
mV pk
Tc = –55°C TO +1 25°C
0
150
0
350
0
450
Notes
1. Specified at 50% of full load.
2. Lin = 2 µH
3. Max. duration of short circuit: 25°C– 90 seconds; 125°C – 30 seconds.
4. Load fault is a short circuit (<50 mohms). Recovery into resistive full load.
5. Input step transition
≥ 10 µs.Recovery is time to settle to within 1% of Vout
final value.


Similar Part No. - MGH2805S

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MGH2805S CRANE-MGH2805S Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
MGH2805S/883 CRANE-MGH2805S/883 Datasheet
329Kb / 18P
   MCH/MGH Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MGH2805SZ/883 INTERPOINT-MGH2805SZ/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Similar Description - MGH2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com