Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3034PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRU3034PBF
Description  8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3034PBF Datasheet(HTML) 3 Page - International Rectifier

  IRU3034PBF Datasheet HTML 1Page - International Rectifier IRU3034PBF Datasheet HTML 2Page - International Rectifier IRU3034PBF Datasheet HTML 3Page - International Rectifier IRU3034PBF Datasheet HTML 4Page - International Rectifier IRU3034PBF Datasheet HTML 5Page - International Rectifier IRU3034PBF Datasheet HTML 6Page - International Rectifier IRU3034PBF Datasheet HTML 7Page - International Rectifier IRU3034PBF Datasheet HTML 8Page - International Rectifier IRU3034PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRU3034 & (PbF)
3
www.irf.com
PIN DESCRIPTIONS
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3034.
The PWM output of the switching controller. This pin is a totem pole drive that is con-
nected to the gate of the power MOSFET. A resistor may be placed from this pin to the
gate in order to reduce switching noise.
This pin supplies the voltage to the PWM drive and hysteresis circuitry and it is connected
to the 12V supply. A 1µF, high frequency capacitor must be connected from this pin to
ground to provide the peak current for charging and discharging of the MOSFET.
A resistor divider from this pin to the output of the switching regulator and ground sets the
Core supply voltage.
A resistor and a 10pF capacitor is connected from this pin to the VFB pin to set the output
ripple voltage for the switching regulator.
This pin is connected to the IC substrate and must be connected to the lowest potential in
the system.
This pin is connected to the minus side of the external current sense resistor. An internal
current source together with an external resistor in series with this pin programs the
current limit threshold voltage. This voltage divided by the external current sense resistor
sets the current limit threshold.
This pin is connected to the plus side of the external current sense resistor. A resistor in
series with this pin and a capacitor connected between this pin and pin 6 provides a high
frequency filtering for the noise spikes of turn on and turn off switching.
This pin provides the soft-start for the regulator during power up. It also sets a long off time
when the converter goes into current limiting, providing low duty cycle for the catch diode
allowing it to survive during short circuit.
PIN # PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
6
7
8
Drv
V12
VFB
VHYST
Gnd
CS-
CS+
SS
VREF
UVLO
1.25V
PWM Control
V12
VHYST
CS+
Drv
Gnd
VFB
CS-
5
1
2
4
3
7
6
SS
8
5V Reg
S.S. / Hiccup
Control
20uA
R
3R


Similar Part No. - IRU3034PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3034PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
   8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
   PWM SWITCHER & LINEAR CONTROLLER IC
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
   LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com