Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G924-285T1UF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G924-285T1UF
Description  300mA Low-Noise LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924-285T1UF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G924-285T1UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924-285T1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G924
Global Mixed-mode Technology Inc.
Over Current Protection
The G924 uses a current mirror to monitor the output
current. A small portion of the PMOS output transis-
tor’s current is mirrored onto a resistor such that the
voltage across this resistor is proportional to the output
current. This voltage is compared against the 1.20V
reference. Once the output current exceeds the limit,
the PMOS output transistor is turned off. Once the
output transistor is turned off, the current monitoring
voltage decreases to zero, and the output PMOS is
turned on again. If the over current condition persist,
the over current protection circuit will be triggered
again. Thus, when the output is shorted to ground, the
output current will be alternating between 0 and the
over current limit. The typical over current limit of the
G924 is set to 550mA. Note that the input bypass ca-
pacitor of 1µF must be used in this case to filter out
the input voltage spike caused by the surge current
due to the inductive effect of the package pin and the
printed circuit board’s routing wire. Otherwise, the ac-
tual voltage at the IN pin may exceed the absolute
maximum rating.
Over Temperature Protection
To prevent abnormal temperature from occurring, the
G924 has a built-in temperature monitoring circuit.
When it detects the temperature is above 145oC, the
output transistor is turned off. When the IC is cooled
down to below 120oC, the output is turned on again. In
this way, the G924 will be protected against abnormal
junction temperature during operation.
Shutdown Mode
When the SHDN pin is connected a logic low voltage,
the G924 enters shutdown mode. All the analog cir-
cuits are turned off completely, which reduces the
current consumption to only the leakage current. The
output is disconnected from the input. When the output
has no load at all, the output voltage will be dis-
charged to ground through the internal resistor voltage
divider.
Operating Region and Power Dissipation
Since the G924 is a linear regulator, its power dissipa-
tion is always given by P = IOUT (VIN – VOUT). The
maximum power dissipation is given by:
PDMAX = (TJ – TA)/θJA = (150-25) / 240 = 520mW
Where (TJ – TA) is the temperature difference the
G924 die and the ambient air, θJA, is the thermal re-
sistance of the chosen package to the ambient air. For
surface mount device, heat sinking is accomplished by
using the heat spreading capabilities of the PC board
and its copper traces. In the case of a SOT-23-5
package,
the
thermal
resistance
is
typically
240oC/Watt. (See Recommended Minimum Footprint).
Refer to “Safe Operating Area” of the Typical Per-
formance Characteristics is the G924 valid operating
region & refer to “Maximum Power Dissipation vs.
Temperature” is the maximum power dissipation of
SOT-23-5.
The die attachment area of the G924’s lead frame is
connected to pin 2, which is the GND pin. Therefore,
the GND pin of G924 can carry away the heat of the
G924 die very effectively. To improve the power dis-
sipation, connect the GND pin to ground using a large
ground plane near the GND pin.
Applications Information
Capacitor Selection and Regulator Stability
Normally, use a 1µF capacitor on the input and a 1µF
capacitor on the output of the G924. Larger input ca-
pacitor values and lower ESR provide better sup-
ply-noise rejection and transient response. A higher-
value input capacitor (10µF) may be necessary if large,
fast transients are anticipated and the device is lo-
cated several inches from the power source.
Power-Supply Rejection and Operation from
Sources Other than Batteries
The G924 is designed to deliver low dropout voltages
and low quiescent currents in battery powered sys-
tems. Power-supply rejection is 53dB at low frequen-
cies as the frequency increases above 20kHz; the
output capacitor is the major contributor to the rejec-
tion of power-supply noise.
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output ca-
pacitors, and using passive filtering techniques.
Load Transient Considerations
The G924 load-transient response graphs show two
components of the output response: a DC shift of the
output voltage due to the different load currents, and
the transient response. Typical overshoot for step
changes in the load current from 10mA to 300mA is
30mV. Increasing the output capacitor's value and
decreasing its ESR attenuates transient spikes.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential
(or dropout voltage) determines the lowest usable
supply voltage. In battery-powered systems, this will
determine the useful end-of-life battery voltage. Be-
cause the G924 use a P-channel MOSFET pass tran-
sistor, their dropout voltage is a function of RDS(ON)
multiplied by the load current cause the G924 use a
P-channel MOSFET pass transistor, their dropout
voltage is a function of RDS(ON) multiplied by the load
current.


Similar Part No. - G924-285T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G924-285T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com