Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25TWL330M10X16 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 25TWL330M10X16
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25TWL330M10X16 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  25TWL330M10X16 Datasheet HTML 1Page - RUBYCON CORPORATION 25TWL330M10X16 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
〈L≧11〉
φd
F
α
0.6
0.5
8
3.5
1.5
10
12.5
5.0
5
2.0
6.3
2.5
φD
〈L=7〉
φd
F
α
0.45
6.3
2.5
1.0
8
3.5
4
1.5
5
2.0
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TWL
6.3
(0J)
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
10
(1A)
16
(1C)
25
(1E)
35
(1V)
50
(1H)
0.1
0.22
0.33
0.47
1
2.2
3.3
4.7
10
22
33
10×20
490
12.5×20
680
10×12.5 300
8×11.5 190
6.3×11
140
47
100
220
330
470
1000
2200
8×7
65
6.3×11
110
6.3×7
44
5×11
60
5×7
29
5×11
41
4×7
19
5×11
35
10×20
540
12.5×20
730
10×16
420
8×11.5
250
6.3×11
145
8×7
73
6.3×11
120
6.3×7
60
5×11
95
5×7
32
5×11
55
4×7
22
5×11
35
12.5×20
900
10×16
530
10×12.5
410
8×11.5
310
8×7
110
6.3×11
185
6.3×7
62
5×11
90
6.3×7
73
5×11
120
5×7
44
5×11
70
4×7
28
5×11
40
12.5×25
1200
10×20
760
10×12.5
460
8×11.5
360
8×11.5
280
6.3×7
66
5×11
90
8×7
99
6.3×11
150
5×7
47
5×11
74
5×7
38
5×11
55
12.5×20
1050
10×16
660
8×11.5
400
8×11.5
310
8×7
133
6.3×11
220
5×7
50
5×11
79
6.3×7
87
5×11
100
5×7
42
5×11
55
4×7
34
5×11
48
10×20
600
12.5×25
1000
10×16
480
10×12.5
370
8×11.5
210
8×7
80
6.3×11
130
6.3×7
55
5×11
87
6.3×7
65
5×11
110
5×7
33
5×11
50
4×7
21
5×11
30
4×7
16
5×11
23
4×7
10
5×11
13
4×7
5.0
5×11
7.0
4×7
3.5
5×11
4.0
4×7
2.3
5×11
2.5
4×7
1.0
5×11
1.1
WV(V.DC)
Cap(μF)
L+αMAX
15MIN
4MIN
φd
φ
D+0.5MAX
SLEEVE


Similar Part No. - 25TWL330M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TWL4.7MEFC5X11 RUBYCON-25TWL4.7MEFC5X11 Datasheet
209Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25TWL330M10X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com