Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR151-2815 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR151-2815
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR151-2815 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR151-2815 Datasheet HTML 1Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 2Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 3Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 4Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 5Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 6Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 7Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 8Page - Interpoint Corporation Company HR151-2815 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
B4-45
HR150 SERIES
20 WATT
DC/DC CONVERTERS
Electrical Characteristics: 25°C Tc, 28 VDC Vin (12 VDC for 12V models), 100% load, unless otherwise specified.
DUAL OUTPUTS
HR152-2812
HR152-2815
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
VOLTAGE
±11.88 ±12.00 ±12.12
±14.85 ±15.00 ±15.15
VDC
OUTPUT
CURRENT
0
±625
0
±500
mA
OUTPUT
POWER
15
15
W
OUTPUT
RIPPLE
0 TO 1 MHz
30
50
30
50
mV p-p
INPUT
CONTINUOUS
18
28
36
18
28
36
VDC
VOLTAGE
TRANSIENT 50 ms
50
50
V
INPUT
NO LOAD
35
35
mA
CURRENT
INPUT REFL.
25
50
25
50
mA p-p
RIPPLE
0 TO 2 MHz
EFFICIENCY
75
79
75
79
%
TRIPLE OUTPUTS
HR153-1212
HR153-1215
HR153-2812
HR153-2815
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
FULL
MAIN
4.95
5.00
5.05
4.95
5.00
5.05
4.95
5.00
5.05
4.95
5.00
5.05
VOLTAGE
LOAD
DUAL
±11.88 ±12.00 ±12.12
±14.85 ±15.00 ±15.15 ±11.88 ±12.00 ±12.12 ±14.85 ±15.00 ±15.15
VDC
OUTPUT
MAIN1
100
2000
100
2000
100
2000
100
2000
mA
CURRENT
DUAL
±208
±167
±208
±167
OUTPUT
MAIN
10
10
10
10
POWER
±DUAL
2.5
2.5
2.5
2.5
W
TOTAL
15
—15—
—15—
—15
OUTPUT
MAIN
40
80
40
80
40
80
40
80
mV p-p
RIPPLE
0 TO 1 MHz
DUAL
20
40
20
40
20
40
20
40
INPUT
CONTINUOUS
10
12
16
10
12
16
18
28
36
18
28
36
VDC
VOLTAGE
TRANSIENT 50 ms
25
25
50
50
V
INPUT
NO LOAD
60
60
50
50
mA
CURRENT
INPUT REFL.
50
100
50
100
40
80
40
80
mA p-p
RIPPLE
0 TO 2 MHz
EFFICIENCY
76
79
76
79
75
79
75
79
%
Note 1. Minimum load required for full output capability on auxiliary outputs. Minimum current can be reduced when dual outputs are used at reduced loads.


Similar Part No. - HR151-2815

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
More results

Similar Description - HR151-2815

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com