Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSH1205D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # HSH1205D
Description  DC/DC CONVERTERS 12 VOLT INPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HSH1205D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  HSH1205D Datasheet HTML 1Page - Interpoint Corporation Company HSH1205D Datasheet HTML 2Page - Interpoint Corporation Company HSH1205D Datasheet HTML 3Page - Interpoint Corporation Company HSH1205D Datasheet HTML 4Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
®
2
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
INHIBIT
HSH SERIES
1.5 WATT
DC/DC CONVERTERS
Input Voltage
• 6 to 20 VDC
Output Power
• 1.5 W
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Input Voltage Range
• 6 to 20 VDC continuous, 600 mW max
• 12 to 18 VDC continuous, 1.5 W max
Case Operating Temperature (Tc)
• +125°C to +150°C 1 watt
• –55°C to +125°C 1.5 watt
Inhibit – TTL Open Collector
• Logic low (output disabled)
• Referenced to input common
• Logic high (output enabled) open collector
Electrical Characteristics:14 VDC Vin, ±100mA load, unless otherwise specified.
TYPICAL CHARACTERISTICS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Isolation
• 100 megohm minimum at 500 V
• Any pin to case except case pin
Audio Rejection 40 dB, typical
Conversion Frequency (kHz)
• 90 min kHz, Vin=6V, ±Iout=60 mA,
Tc=-55 to +125°C
Inhibit Pin Voltage (unit enabled)
• 7 to 8 V
HSH1205D
25°C
+125°C/-55°C1
+150°C1
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIN = 6, IOUT = ±60mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
OUTPUT VOLTAGE
VIN = 16, IOUT = ±60mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
VDC
VIN = 16, IOUT = ±120mA ±4.75
±5
±5.25
±4.75
±5
±5.25
±4.75
±5
±5.25
OUTPUT CURRENT5
VIN = 12 TO 18 VDC
0
±150
240
0
±150
240
0
±100
160
mA
VIN = 6 TO 20 VDC
0
±60
96
0
±60
96
0
±60
96
OUTPUT POWER
VIN = 12 TO 18 VDC
0
1.5
0
1.5
0
1.0
W
VIN = 6 TO 20 VDC
0
0.6
0
0.6
0
0.6
OUTPUT RIPPLE
VOLTAGE
10 kHz - 2 MHz
35
180
50
250
50
250
mV p-p
INPUT VOLTAGE
NO LOAD TO 1.5 W
12
14
18
12
14
18
NO LOAD TO 600 mW
6
14
20
6
14
20
6
14
20
VDC
INPUT CURRENT
NO LOAD
5.0
10
8
12
18
25
mA
INHIBITED
2.4
3.2
8
12
2.4
3.5
INPUT RIPPLE2
CURRENT
10 kHz - 10 MHz
50
100
100
mA p-p
EFFICIENCY
71
74
63
67
59
%
START–UP
DELAY
3
18
3
18
3
18
ms
OVERSHOOT1
0
100
0
150
0
150
mV pk
LOAD FAULT1, 3, 4
POWER DISSIPATION
2.2
2.5
2.5
W
Notes:
1. Guaranteed by design, not tested.
2. Lin = 2 µH.
3. Maximum duration of short circuit: 25°C-– 90 seconds, 150°C
– 5 seconds.
4. Load fault is a short circuit (<50 mohms). Recovery is into
resistive full load.
5. Max. spec indicates 80% of the converter’s total power, avail-
able from either output providing the other output carries a
minimum of 20% of the total load.


Similar Part No. - HSH1205D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
More results

Similar Description - HSH1205D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MHL0512D INTERPOINT-MHL0512D Datasheet
98Kb / 7P
   DC/DC CONVERTERS 5 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com