Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9131-15T23U Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G9131-15T23U
Description  300mA Low-Dropout Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9131-15T23U Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G9131-15T23U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9131-15T23U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ver: 1.6
Dec 22, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G9131
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN = VO + 1V, CIN =1µF, COUT =1µF, TA = 25°C, unless otherwise noted.)
Line Transient
Load Transient
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
-45
-25
-5
15
35
55
75
95
115
Temperature (
°C)
V
IN=5V
V
IN=6V
I
L=30mA
3.23
3.25
3.27
3.29
3.31
3.33
3.35
3.37
44.5
5
5.5
66.5
7
V
IN (V)
VIN vs. VOUT
T=25
°C, I
L=30mA
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Frequency (Hz)
Ripple Rejection vs. Frequency
100mA
300mA
600mA
88
90
92
94
96
98
100
102
104
106
-25
-5
1535
5575
Temperature (
°C)
V
IN=5V
V
IN=6V
Output Voltage vs. Temperature
Quiescent Current vs. Temperature


Similar Part No. - G9131-15T23U

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9131-21 HAMAMATSU-G9131-21 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-22 HAMAMATSU-G9131-22 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-23 HAMAMATSU-G9131-23 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9131-24 HAMAMATSU-G9131-24 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G9131-15T23U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com