Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G923-220T1UF Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # G923-220T1UF
Description  300mA High PSRR LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G923-220T1UF Datasheet(HTML) 2 Page - Interpoint Corporation Company

  G923-220T1UF Datasheet HTML 1Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 2Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 3Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 4Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 5Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 6Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 7Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 8Page - Interpoint Corporation Company G923-220T1UF Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 1.1
Jan 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G923
Global Mixed-mode Technology Inc.
Ordering Information
For other output voltage, please contact us at sales@gmt.com.tw
Note: T1: SOT-23-5
U: Tape & Reel
Selector Guide
ORDER
NUMBER
ORDER NUMBER
(Pb free)
OUTPUT
VOLTAGE (V)
MARKING
G923-150T1U
G923-150T1Uf
1.50
92AAx
G923-160T1U
G923-160T1Uf
1.60
92ABx
G923-170T1U
G923-170T1Uf
1.70
92ACx
G923-180T1U
G923-180T1Uf
1.80
92ADx
G923-190T1U
G923-190T1Uf
1.90
92AEx
G923-200T1U
G923-200T1Uf
2.00
92AFx
G923-210T1U
G923-210T1Uf
2.10
92AGx
G923-220T1U
G923-220T1Uf
2.20
92AHx
G923-230T1U
G923-230T1Uf
2.30
92AIx
G923-240T1U
G923-240T1Uf
2.40
92AJx
G923-250T1U
G923-250T1Uf
2.50
92AKx
G923-260T1U
G923-260T1Uf
2.60
92ALx
G923-270T1U
G923-270T1Uf
2.70
92AMx
G923-280T1U
G923-280T1Uf
2.80
92ANx
G923-285T1U
G923-285T1Uf
2.85
92AOx
G923-290T1U
G923-290T1Uf
2.90
92APx
G923-300T1U
G923-300T1Uf
3.00
92AQx
G923-310T1U
G923-310T1Uf
3.10
92ARx
G923-315T1U
G923-315T1Uf
3.15
92ASx
G923-320T1U
G923-320T1Uf
3.20
92ATx
G923-330T1U
G923-330T1Uf
3.30
92AUx
G923-340T1U
G923-340T1Uf
3.40
92AVx
G923-350T1U
G923-350T1Uf
3.50
92AWx
G923-360T1U
G923-360T1Uf
3.60
92AXx
G923-370T1U
G923-370T1Uf
3.70
92AYx
G923-380T1U
G923-380T1Uf
3.80
92AZx
G923-390T1U
G923-390T1Uf
3.90
92BAx
G923-400T1U
G923-400T1Uf
4.00
92BBx
G923-410T1U
G923-410T1Uf
4.10
92BCx
G923-420T1U
G923-420T1Uf
4.20
92BDx
G923-430T1U
G923-430T1Uf
4.30
92BEx
G923-440T1U
G923-440T1Uf
4.40
92BFx
G923-450T1U
G923-450T1Uf
4.50
92BGx
G923-460T1U
G923-460T1Uf
4.60
92BHx
G923-470T1U
G923-470T1Uf
4.70
92BIx
G923-475T1U
G923-475T1Uf
4.75
92BJx
G923-480T1U
G923-480T1Uf
4.80
92BKx
G923-490T1U
G923-490T1Uf
4.90
92BLx
G923-500T1U
G923-500T1Uf
5.00
92BMx
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
VOLTAGE
TEMP. RANGE
PACKAGE
G923-330T1U
G923-330T1Uf
92AUx
3.30V
-40°C~ +85°C
SOT-23-5


Similar Part No. - G923-220T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G923-220T1UF GMT-G923-220T1UF Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results

Similar Description - G923-220T1UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com