Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9233TF3T Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9233TF3T
Description  3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9233TF3T Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9233TF3T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9233TF3T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 0.6 Preliminary
May 30, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9233
Global Mixed-mode Technology Inc.
3.3V 2A Low Dropout Regulator with Disable
Features
Dropout voltage 0.5V @ IO = 2A
Output current in excess of 2A
Output voltage accuracy ±2.5%
Quiescent current, typically 5mA
Internal short circuit current limit
Internal over temperature protection
TO220 4pin Full-Mold package
ON/OFF control
General Description
The G9233 positive 3.3V voltage regulator features
the ability to source 2A of output current. The dropout
voltage is 0.5V at 2A output current. The typical qui-
escent current is 5mA. Furthermore, the quiescent
current is smaller when the regulator is in the dropout
mode (VIN < 3.3V).
Familiar regulator features such as over tem-
perature and over current protection circuits are
provided to prevent it from being damaged by
abnormal operating conditions. A Vdis pin is pro-
vided to disable the output when needed.
Ordering Information
PIN OPTION
ORDER NUMBER
MARKING
TEMP. RANGE
PACKAGE
1
2
3
4
G9233TF1T
G9233
-40°C to +85°C
TO220F-4L
VIN
VO
GND
Vdis
G9233TH1T
G9233
-40°C to +85°C
TO220F-4L
VIN
VO
GND
Vdis
G9233TH1Tf
G9233
-40°C to +85°C
TO220F-4L (Pb free)
VIN
VO
GND
Vdis
Order Number Identification
GXXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
TF : TO220F-4L (short lead)
1
2
3
4
T : Tube
TH : TO220F-4L (long lead)
1.: VIN
VO
GND
Vdis
Typical Application
Package Type
12
3
TO 220F-4L
4
VIN VO GND Vdis
V
IN
G9233
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
ON/OFF
12
3
TO 220F-4L
4
VIN VO GND Vdis
V
IN
G9233
C1
4.7µF
IQ
V
OUT
I
O
C
OUT
47µF
Top View
ON/OFF


Similar Part No. - G9233TF3T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923-150T1U INTERPOINT-G923-150T1U Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923-150T1U GMT-G923-150T1U Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923-150T1UF INTERPOINT-G923-150T1UF Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
More results

Similar Description - G9233TF3T

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com