Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-360TOU Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G916-360TOU
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-360TOU Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G916-360TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-360TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G916
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
IN to GND. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Output Short-Circuit Duration . . . . . . . . . . . . .Infinite
SET, BYP to GND . . . . . . . . . . . . . . . . . -0.3V to 7V
SHDN to GND . . . . . . . . . . . . . . . . . . .-0.3V to 7V
SHDN to IN . . . . . . . . . . . . . . . . . . . . .-7V to 0.3V
OUT to GND . . . . . . . . . . . . . ..-0.3V to (VIN + 0.3V)
Operating Temperature Range . . . . . . .-40°C to 85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . 150°C
Thermal Resistance Junction to Ambient, (θJA)
SOT-23-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C/W(1)
TSOT-23-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . .196°C/W
Storage Temperature Range . . . . . . . . .-65°C to 160°C
Reflow Temperature (soldering, 10sec) . . . . . . . .260°C
Note (1): See Recommended Minimum Footprint
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN =3.6V, V SHDN =VIN, TA =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNIT
Input Voltage (Note 2)
VIN
2.5
---
6.0
V
Output Voltage Accuracy (adjustable mode)
VOUT
Variation from specified VOUT, IOUT=1mA
-2
---
2
%
VOUT ≥2.50V, IOUT =1mA
-2
---
2
2.50V>VOUT ≥1.80V, IOUT=1mA
-3
---
3
Output Voltage Accuracy (fixed mode)
VOUT
1.80V>VOUT ≥1.20V, IOUT=1mA
-4
---
4
%
Adjustable Output Voltage Range (Note 3)
VOUT
VSET
---
5.5
V
Maximum Output Current
300
---
---
mA
Current Limit (Note 4)
ILIM
400
550
---
mA
Short Circuit Current
Isc
---
280
---
mA
Ground Pin Current
IQ
---
90
---
µA
VOUT=1.50V
---
1.36
1.7
VOUT=1.80V
---
1.10
1.4
VOUT=2.50V
---
0.58
0.8
VOUT=3.00V
---
0.41
0.5
VOUT=3.30V
---
0.36
0.5
VOUT=4.75V
---
0.25
0.5
Dropout Voltage (Note 5)
VDROP
IOUT =300mA
VOUT=5.00V
---
0.24
0.5
V
Line Regulation
ΔVLNR
SET=GND, VIN=V(STD)+0.1V to 6.2V
IOUT=10mA
---
0.06 0.12
%/V
Load Regulation
ΔVLDR
IOUT=10mA to 300mA
---
---
0.02 %/mA
Ripple Rejection
PSRR
F=120Hz, 0.45VP-P, IOUT=10mA
---
65
---
dB
Output Voltage Noise (10Hz to 100kHz)
en
COUT=1µF, IOUT=1mA, CBYP=10nF
---
28
---
µVRMS


Similar Part No. - G916-360TOU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-360TOU

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com