Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2996P1UF Datasheet(PDF) 9 Page - Global Mixed-mode Technology Inc

Part # G2996P1UF
Description  DDR I/II Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2996P1UF Datasheet(HTML) 9 Page - Global Mixed-mode Technology Inc

Back Button G2996P1UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 11Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 12Page - Global Mixed-mode Technology Inc G2996P1UF Datasheet HTML 13Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Ver: 2.3
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
9
G2996
Global Mixed-mode Technology Inc.
VDDQ
A voltage divider of two 50k
Ω is connected between
VDDQ and ground, to create the internal reference
voltage (VDDQ/2). This guarantees that VTT will track
VDDQ/2 precisely. The optimal implementation of
VDDQ is as a remote sensing. This can be achieved
by connecting VDDQ directly to the 2.5V rail (SSTL-2
applications) at the DIMM instead of AVIN and PVIN.
This will ensure that the reference voltage tracks the
DDR memory rails precisely without a large voltage
drop from the power lines.
Vsense
The VSENSE pin is the feedback sensing pin of the op-
eration amplifier which regulates the VTT voltage. In
most motherboard applications, the termination resis-
tors will connect VTT in a long plane. If using the re-
mote sensing pin – VSENSE to the middle of the bus, the
significant long-trace IR drop resulting in a termination
voltage which is lower at one end than the other can
be avoided. This will provide a better distribution
across the entire termination bus. If the remote load
regulation is not used, the VSENSE pin must still be
connected to VTT for correct regulation. Care should be
taken when a long VSENSE trace is implemented in
close proximity to the memory. Noise pickup in the
VSENSE trace can cause problems with precise regula-
tion of VTT. A small 0.1µF ceramic capacitor placed
next to the VSENSE pin can help to filter any high fre-
quency signals and preventing errors.
VREF
VREF provides a buffered output of the internal refer-
ence voltage (VDDQ/2). It can support the reference
voltage of Northbridge chipset and memory. This out-
put remains active during the shutdown state and
thermal shutdown events to support the suspend to
RAM (STR) functionality. For better performance, us-
ing an output bypass capacitor close this pin is more
helpful for the noise. A ceramic capacitor in the range
of 0.1µF to 0.01µF is recommended.
VTT
VTT is the regulated output that is used to terminate the
bus resistors of DDR-SDRAM. It can precisely track
the VDDQ/2 voltage with the sinking and sourcing
current capability. The G2996 is designed to deliver
1.5A continuous current and peak current up to 3A
with a fast transient response @ 2.5V supply rail. The
maximum continuous current sourcing from VTT is a
function of PVIN. Using a higher PVIN will increase the
source current from VTT, but it also increase the inter-
nal power dissipation and reduce the efficiency. Al-
though the G2996 can deliver the larger current, care
should be taken for the thermal dissipation when lar-
ger current is required. The G2996 is packaged with
Power-Pad to increase the power dissipation capability.
When driving larger current, the larger heat-sink in the
PCB is strongly recommended to have a better ther-
mal performance. The RDS of MOS will increase when
the junction temperature increases. If the heat is not
dealt with well, the maximum output current will be
degraded. When the temperature exceeds the junction
temperature, the thermal shutdown protection is acti-
vated. That will drive the VTT output into tri-state until
the temperature returns below the hysteretic trigger
point.
Capacitors
The G2996 does not require the capacitors for input
stability, but it is recommended for improving the per-
formance during large load transition to prevent the
input power rail from dropping, especially for PVIN.
The input capacitor for PVIN should be as close as
possible. The typical recommended value is 50µF for
AL electrolytic capacitors, 10µF with X5R for the ce-
ramic capacitors. To prevent the excessive noise cou-
pling into this device, an additional 0.1µF ceramic ca-
pacitor can be placed on the AVIN power rail for the
better performance.
The output capacitor of the G2996 is suggested to use
the capacitors with low ESR. Using the capacitors with
low ESR (as ceramic, OS-CON, tantalum) will have
the better transition performance which is with smaller
voltage drop when the peak current occurring at the
transition. As a general recommendation the output
capacitor should be sized above 220µF with the low
ESR for SSTL applications with DDR-SDRAM.
Thermal Dissipation
When the current is sinking to or sourcing from VTT,
the G2996 will generate internal power dissipation
resulting in the heat. Care should be taken to prevent
the device from damages caused by the junction tem-
perature exceeding the maximum rating. The maxi-
mum allowable internal temperature rise (TRMAX) can
be calculated under the given maximum ambient
temperature (TAMAX) of the application and the maxi-
mum allowable junction temperature
(TJMAX).
TRMAX= TJMAX - TAMAX
From this equation, the maximum power dissipation
(PDMAX) of the G2996 can be calculated:
PDMAX = TRMAX JA
θ
JA of the G2996 will be dependent on several vari-
ables: the packages used, the thickness and size of
the copper, the number of vias and the airflow. In the
package, the G2996 use the SOP-8 with Power-PAD
to improve the θJA . If the layout of the PCB can put a
larger size of copper to contact the Power-PAD of this
device, the θJA will be further improved. The better θJA
is not only protecting the device well, but also increas-
ing the maximum current capability at the same ambi-
ent temperature.


Similar Part No. - G2996P1UF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
G2991AA HP-G2991AA Datasheet
432Kb / 2P
   Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
G2992F1U GMT-G2992F1U Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
More results

Similar Description - G2996P1UF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
[Old version datasheet]   DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
   DDR-II Termination Regulator
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com