Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2996P1U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G2996P1U
Description  DDR I/II Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2996P1U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G2996P1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2996P1U Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ver: 2.3
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G2996
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
AVIN=2.5V, PVIN=2.5V, VDDQ=2.5V, CAVIN=0.1µF, CPVIN=47µF, CVREF=0.01µF, VSD=2.5V, CVTT=220µF, TA=25°C,
unless otherwise noted.
IO=200m
VTT vs VDDQ
0
0.5
1
1.5
2
2.5
3
22.5
33.5
44.5
55.5
VDDQ(V)
IQ vs AVIN in SD Temperature
100
110
120
130
140
150
160
22.5
33.5
4
4.5
5
5.5
AVIN(V)
25°
85°
0°C
IQ vs AVIN Temperature
150
170
190
210
230
250
270
2
2.5
33.5
44.5
5
5.5
AVIN(V)
0
°C
85°C
25°C
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=1.8V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
33.5
44.5
5
5.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=3.3V)
2
2.2
2.4
2.6
2.8
3
2
2.5
3
3.5
4
4.5
5
5.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=2.5V)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2
2.5
3
3.5
4
4.5
5
5.5
AVIN(V)


Similar Part No. - G2996P1U

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
G2991AA HP-G2991AA Datasheet
432Kb / 2P
   Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
G2992F1U GMT-G2992F1U Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
More results

Similar Description - G2996P1U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
[Old version datasheet]   DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
   DDR-II Termination Regulator
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com