Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29DS640ET-90RTG Datasheet(PDF) 11 Page - Excel Semiconductor Inc.

Part # ES29DS640ET-90RTG
Description  8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS640ET-90RTG Datasheet(HTML) 11 Page - Excel Semiconductor Inc.

Back Button ES29DS640ET-90RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 12Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 13Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 14Page - Excel Semiconductor Inc. ES29DS640ET-90RTG Datasheet HTML 15Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
ES I
ES I
11
Rev. 1D January 5, 2006
ES29LV800D
Excel Semiconductor inc.
Table 3. Top Boot Sector Addresses (ES29LV800DT)
Sector
Sector address
A18~A12
Sector Size
(Kbytes/Kwords)
(X8)
Address Range
(X16)
Address Range
Remark
SA0
0000XXX
64/32
00000h~0FFFFh
00000h~07FFFh
Main Sector
SA1
0001XXX
64/32
10000h~1FFFFh
08000h~0FFFFh
SA2
0010XXX
64/32
20000h~2FFFFh
10000h~17FFFh
SA3
0011XXX
64/32
30000h~3FFFFh
18000h~1FFFFh
SA4
0100XXX
64/32
40000h~4FFFFh
20000h~27FFFh
SA5
0101XXX
64/32
50000h~5FFFFh
28000h~2FFFFh
SA6
0110XXX
64/32
60000h~6FFFFh
30000h~37FFFh
SA7
0111XXX
64/32
70000h~7FFFFh
38000h~3FFFFh
SA8
1000XXX
64/32
80000h~8FFFFh
40000h~47FFFh
SA9
1001XXX
64/32
90000h~9FFFFh
48000h~4FFFFh
SA10
1010XXX
64/32
A0000h~AFFFFh
50000h~57FFFh
SA11
1011XXX
64/32
B0000h~BFFFFh
58000h~5FFFFh
SA12
1100XXX
64/32
C0000h~CFFFFh
60000h~67FFFh
SA13
1101XXX
64/32
D0000h~DFFFFh
68000h~6FFFFh
SA14
1110XXX
64/32
E0000h~EFFFFh
70000h~77FFFh
SA15
11110XX
32/16
F0000h~F7FFFh
78000h~7BFFFh
Boot Sector
SA16
1111100
8/4
F8000h~F9FFFh
7C000h~7CFFFh
SA17
1111101
8/4
FA000h~FBFFFh
7D000h~7DFFFh
SA18
111111X
16/8
FC000h~FFFFFh
7E000h~7FFFFh
Note:
The addresses range is A18:A-1 in byte mode (BYTE#=VIL) or A18:A0 in word mode (BYTE#=VIH).


Similar Part No. - ES29DS640ET-90RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29DS640ET-90RTG EXCELSEMI-ES29DS640ET-90RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29DS640ET-90RTGI EXCELSEMI-ES29DS640ET-90RTGI Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29DS640ET-90RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV800E EXCELSEMI-ES29LV800E Datasheet
678Kb / 50P
   8Mbit(1M x 8/512K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com