Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-340TOU Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G916-340TOU
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-340TOU Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G916-340TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-340TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G916
Global Mixed-mode Technology Inc.
Electrical Characteristics (continued)
(VIN =3.6V, V SHDN =VIN, TA =25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN TYP MAX UNIT
SHUTDOWN
VIH
Regulator enabled
1.5
---
---
SHDN
Input Threshold
VIL
Regulator shutdown
---
---
0.4
V
SHDN
Input Bias Current
I SHDN
V SHDN = VIN
TA = +25°C
---
0.003 0.1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
---
0.2
1
µA
SET INPUT
TA = +25°C
1.225 1.25 1.275
SET Reference Voltage (Note 3)
VSET
VIN = 2.5V to 5.5V,
IOUT = 1mA
TA = TMIN to TMAX
---
1.25
---
V
SET Input Leakage Current (Note 3)
ISET
VSET = 1.3V
TA = +25°C
---
5
30
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
---
145
---
°C
Thermal Shutdown Hysteresis
ΔTSHDN
---
25
---
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to maintain junc-
tion temperature as close to ambient as possible.
Note 2: Guaranteed by line regulation test.
Note 3: Adjustable mode only.
Note 4: Not tested. For design purposes, the current limit should be considered 400mA minimum to 650mA maximum.
Note 5: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the target value of VOUT. The performance of
every G916 part, see “Typical Performance Characteristics”.


Similar Part No. - G916-340TOU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-340TOU

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com