Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G916-330TOU Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G916-330TOU
Description  300mA High PSRR, Low Noise, LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G916-330TOU Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G916-330TOU Datasheet HTML 1Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G916-330TOU Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ver: 1.7
Jan 25, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G916
Global Mixed-mode Technology Inc.
300mA High PSRR, Low Noise, LDO Regulators
Features
Low, 90µA No-Load Supply Current
Guaranteed 300mA Output Current
Dropout Voltage is 200mV @ 150mA Load
PSRR=65dB @ 120Hz; 55dB @ 1kHz
Over-Temperature Protection and Short-Circuit
Protection
Fixed Mode: 1.20V~5.00V (G916-XXX)
Adjustable Mode: from 1.25V to 5.50V (G916)
Max. Supply Current in Shutdown Mode < 1µA
Low Output Noise at 28µVRMS with bypass Ca-
pacitor
Stable with low cost ceramic capacitors
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Audio Codec
General Description
The G916 series is a low supply current, high PSRR,
low noise, and low dropout linear regulator that comes
in a space saving TSOT-23-5, SOT-23-5 package.
The supply current at no-load is 90µA. In the shutdown
mode, the maximum supply current is less than 1µA.
Operating voltage range is from 2.5V to 6.0V. The
over-current protection limit is set at 550mA typical. An
over- temperature protection circuit is built-in in the
Device to prevent thermal overload. These power
saving features make the G916 series ideal for use in
the battery-powered applications such as notebook
computers, cellular phones, and PDA’s.
The G916 has two modes of operation. When the SET
pin is connected to ground, its output is a pre-set value:
3.3V. There is no external component needed. When an
output other than the preset value is needed, two ex-
ternal resistors should be used as a voltage divider. The
output voltage is then adjusted by the resistor ratio.
G916-XXX is with fixed-mode output. The output voltage
range is from 1.2V to 5.0V.
Pin Configuration
IN
OUT
SHDN
SET
GND
G916
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SHDN
G916-XXX
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF
SET
SOT-23-5、TSOT-23-5
G916
5
4
1
2
3
GND
SHDN
OUT
IN
BYP
SOT-23-5、TSOT-23-5
G916-XXX
5
4
1
2
3
GND
SHDN
OUT
IN
IN
OUT
SHDN
SET
GND
G916
- BATTERY CIN
1µF
R1
R2
C
OUT
1µF
OUTPUT
VOLTAGE
Adjustable mode
IN
OUT
GND
SHDN
G916-XXX
C
IN
1µF
_
BATTERY
OUTPUT
VOLTAGE
COUT
1µF
Fixed mode
BYP
CBYP
10nF
SET
SOT-23-5、TSOT-23-5
G916
5
4
1
2
3
GND
SHDN
OUT
IN
BYP
SOT-23-5、TSOT-23-5
G916-XXX
5
4
1
2
3
GND
SHDN
OUT
IN


Similar Part No. - G916-330TOU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G916-330TOU

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com