Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES29BDS800F-12RTG Datasheet(PDF) 8 Page - Excel Semiconductor Inc.

Part # ES29BDS800F-12RTG
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29BDS800F-12RTG Datasheet(HTML) 8 Page - Excel Semiconductor Inc.

Back Button ES29BDS800F-12RTG Datasheet HTML 4Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 5Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 6Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 7Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 8Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 9Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 10Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 11Page - Excel Semiconductor Inc. ES29BDS800F-12RTG Datasheet HTML 12Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ES I
ES I
8
Rev. 2D Jan 5, 2006
ES29LV320D
Excel Semiconductor inc.
If the system writes the autoselect command
sequence, the device enters the Autoselect mode.
The system can then read some useful codes such
as manufacturer and device ID from the internal reg-
isters on DQ7 - DQ0. Standard read cycle timings
apply in this mode. In the Autoselect mode, the fol-
lowing four informations can be accessed through
either autoselect command method or A9 high-volt-
age autoselect method. Refer to the Table 2.
- Manufacturer ID
- Device ID
- Security Sector Lock-indicator
- Sector protection verify
Hardware Device Reset ( RESET# )
The RESET# pin provides a hardware method of
resetting the device to read array data. When the
RESET# pin is driven low for at least a period of tRP ,
the device immediately terminates any operation in
progress, tristates all output pins, and ignores all
read/write
commands
for
the duration of
the
RESET# pulse The device also resets the internal
state machine to reading array data. The operation
that was interrupted should be reinitiated once after
the device is ready to accept another command
sequence, to ensure data integrity.
CMOS Standby during Device Reset
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at Vss + 0.3V, the
device draws the greatly reduced CMOS standby
current ( ICC4 ). If RESET# is held at VIL but not
within Vss+0.3V, the standby current will be greater.
RY/BY# and Terminating Operations
If RESET# is asserted during a program or erase
operation, the RY/BY# pin remains a “0” (busy) until
the internal reset operation is completed, which
requires a time of tREADY (during Embedded Algo-
rithms). The system can thus monitor RY/BY# to
determine whether the reset operation is completed.
If RESET# is asserted when a program or erase
operation is not executing (RY/BY# pin is “1”), the
reset operation is completed within a time of tREADY
(not during Embedded Algorithms). The system can
read data after the RESET# pin returns to VIH, which
requires a time of tRH.
RESET# tied to the System Reset
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the
Flash memory, enabling the system to read the
boot-up firmware from the Flash memory.Refer to
the AC Characteristics tables for RESET# parame-
ters and to Fig. 19 for the timing diagram.
SECTOR GROUP PROTECTION
The ES29LV320 features hardware sector group
protection. A sector group consists of two or more
adjacent sectors that are protected or unprotected
at the same time. In the device, sector protection is
performed on the group of sectors previously
defined in the Table 3-4. Once after a group of sec-
tors are protected, any program or erase operation
is not allowed in the protected sector group. The
previously protected sectors must be unprotected
by one of the unprotect methods provided here
before changing data in those sectors. Sector pro-
tection can be implemented via two methods.
- In-system protection
- A9 High-voltage protection
To check whether the sector group protection was
successfully executed or not, another operation
called “protect verification” needs to
be per-
formed after the protection operation on a group of
sectors. All protection and protect verifications pro-
vided in the device are summarized in detail at the
Table 1.
In-System Protection
“In-system
protection”,
the
primary
method,
requires VID (11.5V~12.5V) on the RESET# with
A6=0, A1=1, and A0=0. This method can be imple-
mented either in-system or via programming equip-
ment. This method uses standard microprocessor
bus cycle timing. Refer to Fig. 29 for timing diagram
and Fig. 3 for the protection algorithm.
A9 High-Voltage Protection
“High-voltage protection”, the alternate method
intended only for programming equipment, must
force VID (11.5~12.5V) on address pin A9 and con-
trol pin OE# with A6=0, A1=1 and A0=0. Refer to
Fig. 31 for timing diagram and Fig. 5 for the protec-
tion algorithm.
SECTOR UNPROTECTION
The previously protected sectors must be unpro-
tected before modifying any data in the sectors.
The sector unprotection algorithm unprotects all
sectors in parallel. All unprotected sectors must first


Similar Part No. - ES29BDS800F-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29BDS800F-70RTG EXCELSEMI-ES29BDS800F-70RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29BDS800F-70WCI EXCELSEMI-ES29BDS800F-70WCI Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - ES29BDS800F-12RTG

ManufacturerPart #DatasheetDescription
logo
Excel Semiconductor Inc...
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com