Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1420F31U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1420F31U
Description  2W Stereo Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1420F31U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1420F31U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1420F31U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ver: 1.5
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1420
Global Mixed-mode Technology Inc.
2W Stereo Audio Amplifier
Features
Depop Circuitry Integrated
Output Power at 1% THD+N, VDD=5V
--1.8W/CH (typical) into a 4
Ω Load
--1.2W/CH (typical) into a 8
Ω Load
Bridge-Tied Load (BTL), Single-Ended (SE)
Stereo Input MUX
Mute and Shutdown Control Available
Surface-Mount Power Package
24-Pin TSSOP-P
Applications
Stereo Power Amplifiers for Notebooks or
Desktop Computers
Multimedia Monitors
Stereo Power Amplifiers for Portable Audio
Systems
General Description
G1420 is a stereo audio power amplifier in 24pin
TSSOP thermal pad package. It can drive 1.8W con-
tinuous RMS power into 4
Ω load per channel in
Bridge-Tied Load (BTL) mode at 5V supply voltage. Its
THD is smaller than 1% under the above operation
condition. To simplify the audio system design in the
notebook application, G1420 supports the Bridge-Tied
Load (BTL) mode for driving the speakers, Single-End
(SE) mode for driving the headphone. G1420 can
mute the output when Mute-In is activated. For the low
current consumption applications, the SHDN mode is
supported to disable G1420 when it is idle. The current
consumption can be further reduced to below 5µA.
G1420 also supports two input paths, that means two
different gain loops can be set in the same PCB and
choosing either one by setting HP/ LINE pin. It en-
hances the hardware designing flexibility.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
G1420F31U
G1420F31Uf
-40°C to +85°C
TSSOP-24 (FD)
Note: F3: TSSOP-24 (FD)
U: Tape & Reel
Pin Configuration
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT-
SE/BTL
GND/HS
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT-
MUTE IN
G1420
GND/HS
TSSOP-24 (FD)
13
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
TJ
NC
14
Thermal
Pad
Top View
Bottom View
GND/HS
GND/HS
Note: Recommend connecting the Thermal Pad to the GND for excellent power dissipation.
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT-
SE/BTL
GND/HS
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT-
MUTE IN
G1420
GND/HS
TSSOP-24 (FD)
13
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
TJ
NC
14
Thermal
Pad
Top View
Bottom View
GND/HS
GND/HS
Note: Recommend connecting the Thermal Pad to the GND for excellent power dissipation.


Similar Part No. - G1420F31U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
   2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
logo
List of Unclassifed Man...
G1421 ETC2-G1421 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1421 HEYCO-G1421 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
logo
Global Mixed-mode Techn...
G1421F GMT-G1421F Datasheet
431Kb / 24P
   2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
G1422 GMT-G1422 Datasheet
299Kb / 15P
   2W Stereo Audio Amplifier
More results

Similar Description - G1420F31U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1431 GMT-G1431 Datasheet
280Kb / 13P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3431 UTC-PA3431 Datasheet
266Kb / 11P
   2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
   2W STEREO AUDIO AMPLIFIER
PA3017 UTC-PA3017_15 Datasheet
403Kb / 10P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_15 Datasheet
366Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432 Datasheet
334Kb / 15P
   2W Stereo Audio Amplifier
logo
Unisonic Technologies
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
   2W STEREO AUDIO AMPLIFIER
PA3431 UTC-PA3431_16 Datasheet
286Kb / 11P
   2W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1431 GMT-G1431_15 Datasheet
77Kb / 1P
   2W Stereo Audio Amplifier
G1430 GMT-G1430 Datasheet
416Kb / 26P
   2W Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com