Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1402P1U Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1402P1U
Description  Stereo Headphone Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1402P1U Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1402P1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1402P1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 1.2
Jun 28, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1402
Global Mixed-mode Technology Inc.
Stereo Headphone Power Amplifier
Features
High performance Class AB amplifier
High signal-to-noise ratio
Low distortion
Low power consumption
Large output voltage swing
Excellent power supply ripple rejection
3.0V to 6.5V supply voltage range
Surface-Mount package-SOP 8
Applications
CD-ROM
DVD-ROM
CD-R/W
MP3
Portable Stereo
General Description
The G1402 is an output rail-to-rail stereo audio power
amplifier housed in a 8-pin SOP package capable of
delivering 125mW of continuous power into 16
Ω loads
& 75mW into 32
Ω loads with the THD <0.1% per
channel.
The gain setting of the amplifiers can simply achieve
by setting two external resistors RI (input resistor) & RF
(feedback resistor) promptly.
The G1402 is a dual channel, low voltage, low power,
and high performance amplifiers. The quiescent
current is 3mA @ 5V typically. With excellent AC
performance (small THD), it can be designed into a
wide range of headphone driving applications.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
G1402P1X
G1402
-40°C to +85°C
SOP-8L
G1402P1Xf
G1402
-40°C to +85°C SOP-8L (Pb free)
Note: X Specify the packing type
U: Tape & Reel
T: Tube
Pin Configuration
SYMBOL
PIN
DESCRIPTION
OUTA
1
output A
INA(neg)
2
inverting input A
INA(pos)
3
non-inverting input A
VSS
4
negative supply
INB(pos)
5
non-inverting input B
INB(neg)
6
inverting input B
OUTB
7
output B
VDD
8
positive supply
INA(neg)
INA(pos)
OUTA
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
1
8
2
3
4
7
6
5
G1402
INA(neg)
INA(pos)
OUTA
V
SS
V
DD
OUTB
INB(neg)
INB(pos)
1
8
2
3
4
7
6
5
G1402


Similar Part No. - G1402P1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
More results

Similar Description - G1402P1U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com