Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G924-280T1U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G924-280T1U
Description  300mA Low-Noise LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G924-280T1U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G924-280T1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G924-280T1U Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 0.2 Preliminary
Oct 01, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G924
Global Mixed-mode Technology Inc.
Ordering Information
For other output voltage, please contact us at sales@gmt.com.tw
Note: T1: SOT-23-5
U: Tape & Reel
Selector Guide
ORDER NUMBER
ORDER NUMBER
(Pb free)
OUTPUT VOLTAGE (V)
MARKING
G924-120T1U
G924-120T1Uf
1.20
94AAx
G924-130T1U
G924-130T1Uf
1.30
94ABx
G924-140T1U
G924-140T1Uf
1.40
94ACx
G924-150T1U
G924-150T1Uf
1.50
94ADx
G924-160T1U
G924-160T1Uf
1.60
94AEx
G924-170T1U
G924-170T1Uf
1.70
94AFx
G924-180T1U
G924-180T1Uf
1.80
94AGx
G924-190T1U
G924-190T1Uf
1.90
94AHx
G924-200T1U
G924-200T1Uf
2.00
94AIx
G924-210T1U
G924-210T1Uf
2.10
94AJx
G924-220T1U
G924-220T1Uf
2.20
94AKx
G924-230T1U
G924-230T1Uf
2.30
94ALx
G924-240T1U
G924-240T1Uf
2.40
94AMx
G924-250T1U
G924-250T1Uf
2.50
94ANx
G924-260T1U
G924-260T1Uf
2.60
94AOx
G924-270T1U
G924-270T1Uf
2.70
94APx
G924-280T1U
G924-280T1Uf
2.80
94AQx
G924-285T1U
G924-285T1Uf
2.85
94ARx
G924-290T1U
G924-290T1Uf
2.90
94ASx
G924-300T1U
G924-300T1Uf
3.00
94ATx
G924-310T1U
G924-310T1Uf
3.10
94AUx
G924-315T1U
G924-315T1Uf
3.15
94AVx
G924-320T1U
G924-320T1Uf
3.20
94AWx
G924-330T1U
G924-330T1Uf
3.30
94AXx
G924-340T1U
G924-340T1Uf
3.40
94AYx
G924-350T1U
G924-350T1Uf
3.50
94AZx
G924-360T1U
G924-360T1Uf
3.60
94BAx
G924-370T1U
G924-370T1Uf
3.70
94BBx
G924-380T1U
G924-380T1Uf
3.80
94BCx
G924-390T1U
G924-390T1Uf
3.90
94BDx
G924-400T1U
G924-400T1Uf
4.00
94BEx
G924-410T1U
G924-410T1Uf
4.10
94BFx
G924-420T1U
G924-420T1Uf
4.20
94BGx
G924-430T1U
G924-430T1Uf
4.30
94BHx
G924-440T1U
G924-440T1Uf
4.40
94BIx
G924-450T1U
G924-450T1Uf
4.50
94BJx
G924-460T1U
G924-460T1Uf
4.60
94BKx
G924-470T1U
G924-470T1Uf
4.70
94BLx
G924-475T1U
G924-475T1Uf
4.75
94BMx
G924-480T1U
G924-480T1Uf
4.80
94BNx
G924-490T1U
G924-490T1Uf
4.90
94BOx
G924-500T1U
G924-500T1Uf
5.00
94BPx
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
VOLTAGE
TEMP.
RANGE
PACKAGE
G924-330T1U
G924-330T1Uf
94AXx
3.30V
-40°C~ +85°C
SOT-23-5


Similar Part No. - G924-280T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
More results

Similar Description - G924-280T1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com